Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7335BN-AA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NX7335BN-AA
Description  LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX7335BN-AA Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button NX7335BN-AA Datasheet HTML 3Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 4Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 5Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 6Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 7Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 8Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 9Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 10Page - Renesas Technology Corp NX7335BN-AA Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NX7335 Series
Chapter Title
R08DS0023EJ0200 Rev.2.00
Page 7 of 9
Sep 19, 2010
TYPICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
0
50
50
100
150
200
PW = 10 s,
Duty = 1%
μ
60
°C
25
°C
40
30
20
10
TC = 0
°C
1 310.0
5 nm/div
Pulsed Forward Current IFP (mA)
SPECTRUM
Wavelength
λ (nm)
OPTICAL OUTPUT POWER FROM
FIBER vs. PULSED FORWARD
CURRENT
Remark The graphs indicate nominal characteristics.


Similar Part No. - NX7335BN-AA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7335BN-AA CEL-NX7335BN-AA Datasheet
258Kb / 9P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
More results

Similar Description - NX7335BN-AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7335 RENESAS-NX7335_15 Datasheet
180Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7337BF-AA RENESAS-NX7337BF-AA_15 Datasheet
165Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA_15 Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7535 RENESAS-NX7535_15 Datasheet
180Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7535 RENESAS-NX7535 Datasheet
187Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
logo
California Eastern Labs
NX7337BF-AA CEL-NX7337BF-AA Datasheet
860Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com