Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3164160AT-60 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB3164160AT-60
Description  4M x 16-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164160AT-60 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB3164160AT-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3164160AT-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3164160AT-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164160AT-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164160AT-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164160AT-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164160AT-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164160AT-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164160AT-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Semiconductor Group
1
Semiconductor Group
6.97
4 194 304 words by 16-bit organization
0 to 70 °C operating temperature
Fast Page Mode operation
Performance:
Single + 3.3 V (
± 0.3V) power supply
Low power dissipation:
7.2 mW standby (TTL)
3.24 mW standby (MOS)
720
µW standby for L-version
Read, write, read-modify-write, CAS-before-RAS refresh (CBR),
RAS-only refresh, hidden refresh and self refresh (L-version only)
2 CAS / 1 WE byte control
8192 refresh cycles /128 ms , 13 R/ 9C addresses (HYB 3164160AT)
4096 refresh cycles / 64 ms , 12 R/ 10C addresses (HYB 3165160AT)
2048 refresh cycles /
32 ms , 11 R/ 11C addresses
(HYB 3166160AT)
256 msec refresh period for L-versions
Plastic Package:
P-TSOPII-50 400 mil
-40
-50
-60
tRAC
RAS access time
40
50
60
ns
tCAC
CAS access time
10
13
15
ns
tAA
Access time from address
20
25
30
ns
tRC
Read/write cycle time
75
90
110
ns
tPC
Fast page mode cycle time
30
35
40
ns
-40
-50
-60
HYB3166160AT(L)
900
558
396
mW
HYB3165160AT(L)
756
468
324
mW
HYB3164160AT(L)
612
378
270
mW
4M x 16-Bit Dynamic RAM
Advanced Information
HYB 3164160AT(L) -40/-50/-60
HYB 3165160AT(L) -40/-50/-60
HYB 3166160AT(L) -40/-50/-60
( 8k, 4k & 2k Refresh)


Similar Part No. - HYB3164160AT-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164160T-50 SIEMENS-HYB3164160T-50 Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164160T-60 SIEMENS-HYB3164160T-60 Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
More results

Similar Description - HYB3164160AT-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com