Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2861B-1-V Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2861B-1-V
Description  4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2861B-1-V Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2861B-1-V Datasheet HTML 1Page - Renesas Technology Corp PS2861B-1-V Datasheet HTML 2Page - Renesas Technology Corp PS2861B-1-V Datasheet HTML 3Page - Renesas Technology Corp PS2861B-1-V Datasheet HTML 4Page - Renesas Technology Corp PS2861B-1-V Datasheet HTML 5Page - Renesas Technology Corp PS2861B-1-V Datasheet HTML 6Page - Renesas Technology Corp PS2861B-1-V Datasheet HTML 7Page - Renesas Technology Corp PS2861B-1-V Datasheet HTML 8Page - Renesas Technology Corp PS2861B-1-V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification etc.
Packing Style
Safety Standard
Approval
Application
Part Number
*1
PS2861B-1
PS2861B-1Y-A
Pb-Free and
Magazine case 100 pcs
Standard products
PS2861B-1
PS2861B-1-F3
PS2861B-1Y-F3-A
Halogen Free
Embossed Tape 3 500 pcs/reel
(UL, CSA, BSI,
SEMKO approved)
PS2861B-1-V
PS2861B-1Y-V-A
Magazine case 100 pcs
DIN EN60747-5-2
PS2861B-1-V-F3
PS2861B-1Y-V-F3-A
Embossed Tape 3 500 pcs/reel
(VDE0884 Part2)
approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
6
V
Power Dissipation Derating
ΔPD/°C
0.6
mW/
°C
Power Dissipation
PD
60
mW
Peak Forward Current1
*1
IFP1
2.5
A
Peak Forward Current2
*2
IFP2
1.0
Transistor
Collector to Emitter Voltage
VCEO
70
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
50
mA
Power Dissipation Derating
ΔPC/°C
1.2
mW/
°C
Power Dissipation
PC
120
mW
Isolation Voltage
*3
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +110
°C
Storage Temperature
Tstg
–55 to +150
°C
*1 PW = 10
μs, Duty Cycle = 1%
*2 PW = 100
μs, Duty Cycle = 1%
*3 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.
<R>
Data Sheet PN10742EJ02V0DS
3
PS2861B-1


Similar Part No. - PS2861B-1-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2861B-1-V CEL-PS2861B-1-V Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
PS2861B-1-V-F3 CEL-PS2861B-1-V-F3 Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
logo
Renesas Technology Corp
PS2861B-1-V-F3 RENESAS-PS2861B-1-V-F3 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2861B-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1 CEL-PS2861B-1 Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com