Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24512BTAS0I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1EX24512BTAS0I
Description  Two-wire serial interface 512k EEPROM (64-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24512BTAS0I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1EX24512BTAS0I Datasheet HTML 2Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 3Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 4Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 5Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 6Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 7Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 8Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 9Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
R1EX24512BSAS0I/R1EX24512BTAS0I
Pin Function
Serial Clock (SCL)
The SCL pin is used to control serial input/output data timing. The SCL input is used to positive edge clock data into
EEPROM device and negative edge clock data out of each device. Maximum clock rate is 1 MHz.
Serial Input/Output Data (SDA)
The SDA pin is bidirectional for serial data transfer. The SDA pin needs to be pulled up by resistor as that pin is open-
drain driven structure. Use proper resistor value for your system by considering VOL, IOL and the SDA pin capacitance.
Except for a start condition and a stop condition which will be discussed later, the SDA transition needs to be completed
during the SCL low period.
Data Validity (SDA data change timing waveform)
SCL
SDA
Data
change
Data
change
Note:
High-to-low and low-to-high change of SDA should be done during the SCL low period.
R10DS0026EJ0001 Rev.0.01
Page 6 of 17
Sep, 03, 2010


Similar Part No. - R1EX24512BTAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24512BTAS0I RENESAS-R1EX24512BTAS0I Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BTAS0IS0 RENESAS-R1EX24512BTAS0IS0 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BTAS0IU0 RENESAS-R1EX24512BTAS0IU0 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results

Similar Description - R1EX24512BTAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_13 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24512I HITACHI-HN58X24512I Datasheet
55Kb / 20P
   Two-wire serial interface 512k EEPROM (64-kword 쨈 8-bit)
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com