Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX25512ASA00A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R1EX25512ASA00A
Description  Serial Peripheral Interface 512K EEPROM (64-Kword8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25512ASA00A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R1EX25512ASA00A Datasheet HTML 6Page - Renesas Technology Corp R1EX25512ASA00A Datasheet HTML 7Page - Renesas Technology Corp R1EX25512ASA00A Datasheet HTML 8Page - Renesas Technology Corp R1EX25512ASA00A Datasheet HTML 9Page - Renesas Technology Corp R1EX25512ASA00A Datasheet HTML 10Page - Renesas Technology Corp R1EX25512ASA00A Datasheet HTML 11Page - Renesas Technology Corp R1EX25512ASA00A Datasheet HTML 12Page - Renesas Technology Corp R1EX25512ASA00A Datasheet HTML 13Page - Renesas Technology Corp R1EX25512ASA00A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
R1EX25512ASA00A/R1EX25512ATA00A
Write Enable (WREN):
The Write Enable Latch (WEL) bit must be set prior to each WRITE and WRSR instruction. The only way to do this is
to send a Write Enable instruction to the device. As shown in the following figure, to send this instruction to the device,
chip select (
S) is driven low, and the bits of the instruction byte are shifted in, on serial data input (D). The device then
enters a wait state. It waits for the device to be deselected, by chip select (
S) being driven high.
Write Enable (WREN) Sequence
S
W
C
D
Q
Instruction
01
2
3
4
5
6
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
7
R10DS0046EJ0200 Rev.2.00
Page 10 of 20
Oct.04, 2010


Similar Part No. - R1EX25512ASA00A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
More results

Similar Description - R1EX25512ASA00A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX25512ASA00I RENESAS-R1EX25512ASA00I Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX25512ASA00I RENESAS-R1EX25512ASA00I_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_13 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com