Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2815-4-V-F4 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2815-4-V-F4
Description  LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2815-4-V-F4 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2815-4-V-F4 Datasheet HTML 1Page - Renesas Technology Corp PS2815-4-V-F4 Datasheet HTML 2Page - Renesas Technology Corp PS2815-4-V-F4 Datasheet HTML 3Page - Renesas Technology Corp PS2815-4-V-F4 Datasheet HTML 4Page - Renesas Technology Corp PS2815-4-V-F4 Datasheet HTML 5Page - Renesas Technology Corp PS2815-4-V-F4 Datasheet HTML 6Page - Renesas Technology Corp PS2815-4-V-F4 Datasheet HTML 7Page - Renesas Technology Corp PS2815-4-V-F4 Datasheet HTML 8Page - Renesas Technology Corp PS2815-4-V-F4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2000, 2010
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS2815-1,PS2815-4
LOW (AC) INPUT CURRENT, HIGH CTR
4, 16-PIN SSOP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10256EJ04V0DS (4th edition)
Date Published February 2010 NS
Printed in Japan
DESCRIPTION
The PS2815-1 and PS2815-4 are optically coupled isolators containing GaAs light emitting diodes and an NPN
silicon phototransistor in a plastic SSOP for high density applications.
The package is a Shrink SOP (Small Outline Package) type for high density mounting applications.
FEATURES
• AC input response
• High current transfer ratio (CTR = 200% TYP. @ IF =
±1 mA)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4, 16-pin SSOP, Pin pitch 1.27 mm)
• Ordering number of taping product: PS2815-1-F3, F4: 3 500 pcs/reel
: PS2815-4-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40008905 (Option)
APPLICATIONS
• Programmable logic controllers
• Modem/FAX
4 3
1 2
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
12
34
56
78
16 15 14 13 12 11 10 9
1. 3. 5. 7. Anode, Cathode
2. 4. 6. 8. Cathode, Anode
9. 11. 13. 15. Emitter
10. 12. 14. 16. Collector
PIN CONNECTION
(Top View)
PS2815-1
PS2815-4
<R>
<R>
<R>


Similar Part No. - PS2815-4-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2815-4-V-F4 CEL-PS2815-4-V-F4 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-4-V-F4-A CEL-PS2815-4-V-F4-A Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS2815-4-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2815-1 CEL-PS2815-1 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1_15 Datasheet
282Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010T COSMO-KPS28010T Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010Z COSMO-KPS28010Z Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com