Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV0816ASD-5SI Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1LV0816ASD-5SI
Description  8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0816ASD-5SI Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1LV0816ASD-5SI Datasheet HTML 4Page - Renesas Technology Corp R1LV0816ASD-5SI Datasheet HTML 5Page - Renesas Technology Corp R1LV0816ASD-5SI Datasheet HTML 6Page - Renesas Technology Corp R1LV0816ASD-5SI Datasheet HTML 7Page - Renesas Technology Corp R1LV0816ASD-5SI Datasheet HTML 8Page - Renesas Technology Corp R1LV0816ASD-5SI Datasheet HTML 9Page - Renesas Technology Corp R1LV0816ASD-5SI Datasheet HTML 10Page - Renesas Technology Corp R1LV0816ASD-5SI Datasheet HTML 11Page - Renesas Technology Corp R1LV0816ASD-5SI Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
R1LV0816ASD –5SI, 7SI
Preliminary
REJ03C0397-0001 Rev.0.01
2009.12.08
Page 6 of 16
Recommend Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Note
Vcc
2.4
3.0
3.6
V
-
Supply voltage
Vss
0
0
0
V
-
2.0
-
Vcc+0.2
V
Vcc=2.4V to 2.7V
Input high voltage
VIH
2.2
-
Vcc+0.2
V
Vcc=2.7V to 3.6V
-0.2
-
0.4
V
Vcc=2.4V to 2.7V
1
Input low voltage
VIL
-0.2
-
0.6
V
Vcc=2.7V to 3.6V
1
Ambient temperature range
Ta
-40
-
+85
°C
-
Note 1. -3.0V in case of AC (Pulse width 30ns)
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Input leakage current
| ILI |
-
-
1
A
Vin = Vss to Vcc
Output leakage current
| ILO |
-
-
1
A
BYTE#
Vcc -0.2V or BYTE#
0.2V
CS1# =VIH or CS2 =VIL or
OE# =VIH or WE# =VIL or
LB# = UB# =VIH, VI/O =Vss to Vcc
ICC1
-
20
*1
35
mA
Min. cycle, duty =100%, II/O = 0mA
BYTE#
Vcc -0.2V or BYTE#
0.2V
CS1# =VIL, CS2 =VIH, Others = VIH/VIL
Average operating current
ICC2
-
2
*1
5
mA
Cycle =1 s, duty =100%, II/O = 0mA
BYTE#
Vcc -0.2V or BYTE#
0.2V
CS1#
0.2V, CS2
VCC-0.2V,
VIH
VCC-0.2V, VIL
0.2V
Standby current
ISB
-
0.1
*1
0.3
mA
BYTE#
Vcc -0.2V or BYTE#
0.2V
CS2 =VIL
-
1.2
*1
4
A
~+25°C
-
3
*2
6
A
~+40°C
-
-
15
A
~+70°C
Standby current
ISB1
-
-
20
A
~+85°C
Vin
0V
BYTE#
Vcc -0.2V or
BYTE#
0.2V
(1) 0V
CS2
0.2V or
(2) CS1#
VCC-0.2V,
CS2
VCC-0.2V or
(3) LB# = UB#
VCC-0.2V,
CS1#
0.2V,
CS2
VCC-0.2V
VOH
2.4
-
-
V
BYTE#
Vcc -0.2V or BYTE#
0.2V
IOH = -1mA
Vcc 2.7V
Output high voltage
VOH2
2.0
-
-
V
BYTE#
Vcc -0.2V or BYTE#
0.2V
IOH = -0.1mA
VOL
-
-
0.4
V
BYTE#
Vcc -0.2V or BYTE#
0.2V
IOL = 2mA
Vcc 2.7V
Output low voltage
VOL2
-
-
0.4
V
BYTE#
Vcc -0.2V or BYTE#
0.2V
IOL = 0.1mA
Note 1.Typical parameter indicates the value for the center of distribution at 3.0V(Ta=+25°C), and not 100% tested.
2.Typical parameter indicates the value for the center of distribution at 3.0V(Ta=+40°C), and not 100% tested.


Similar Part No. - R1LV0816ASD-5SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
More results

Similar Description - R1LV0816ASD-5SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV0816BGSD-4S2 RENESAS-RMLV0816BGSD-4S2 Datasheet
343Kb / 16P
   8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
RMLV0816BGSA-4S2 RENESAS-RMLV0816BGSA-4S2 Datasheet
347Kb / 16P
   8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
R1LV0816ABG-5SI RENESAS-R1LV0816ABG-5SI Datasheet
258Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ASB RENESAS-R1LV0816ASB Datasheet
214Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
2009.12.07
R1LV0816ASB-5SI RENESAS-R1LV0816ASB-5SI Datasheet
214Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
RMLV0816BGBG-4S2 RENESAS-RMLV0816BGBG-4S2 Datasheet
340Kb / 15P
   8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
RMLV0816BGSB-4S2 RENESAS-RMLV0816BGSB-4S2 Datasheet
330Kb / 14P
   8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com