Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21346PKFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F21346PKFP
Description  R8C/34P Group, R8C/34R Group RENESAS MCU
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21346PKFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F21346PKFP Datasheet HTML 3Page - Renesas Technology Corp R5F21346PKFP Datasheet HTML 4Page - Renesas Technology Corp R5F21346PKFP Datasheet HTML 5Page - Renesas Technology Corp R5F21346PKFP Datasheet HTML 6Page - Renesas Technology Corp R5F21346PKFP Datasheet HTML 7Page - Renesas Technology Corp R5F21346PKFP Datasheet HTML 8Page - Renesas Technology Corp R5F21346PKFP Datasheet HTML 9Page - Renesas Technology Corp R5F21346PKFP Datasheet HTML 10Page - Renesas Technology Corp R5F21346PKFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
R8C/34P Group, R8C/34R Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0027EJ0010 Rev.0.10
Page 7 of 53
Jul 05, 2011
(D): Under development
Figure 1.2
Part Number, Memory Size, and Package of R8C/34R Group
Table 1.6
Product List for R8C/34R Group
Current of Jul 2011
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program ROM
Data flash
R5F21344RJFP (D)
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0048KB-A
J version
R5F21346RJFP (D)
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0048KB-A
R5F21344RKFP (D)
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0048KB-A
K version
R5F21346RKFP (D)
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0048KB-A
Part No.
R 5 F 21 34 6 R J FP
Package type:
FP: PLQP0048KB-A (0.5 mm pin-pitch, 7 mm square body)
Classification
J: Operating ambient temperature -40°C to 85°C
K: Operating ambient temperature -40°C to 125°C
ROM capacity
4: 16 KB
6: 32 KB
Data Flash
P: Data Flash
R: None
R8C/34R Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F21346PKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21346CDFP RENESAS-R5F21346CDFP Datasheet
539Kb / 57P
   RENESAS MCU
R5F21346CDFP RENESAS-R5F21346CDFP Datasheet
539Kb / 57P
   RENESAS MCU
R5F21346CNFP RENESAS-R5F21346CNFP Datasheet
539Kb / 57P
   RENESAS MCU
R5F21346CNFP RENESAS-R5F21346CNFP Datasheet
539Kb / 57P
   RENESAS MCU
R5F21346MDFP RENESAS-R5F21346MDFP Datasheet
561Kb / 57P
   Specifications in this document are tentative and subject to change
More results

Similar Description - R5F21346PKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
   R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C2E RENESAS-R8C2E Datasheet
3Mb / 354P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2K RENESAS-R8C2K Datasheet
4Mb / 471P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C20 RENESAS-R8C20 Datasheet
4Mb / 501P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2A RENESAS-R8C2A Datasheet
6Mb / 609P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2H RENESAS-R8C2H Datasheet
3Mb / 367P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C23 RENESAS-R8C23 Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com