Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK2006DPJ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK2006DPJ
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2006DPJ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RJK2006DPJ_10 Datasheet HTML 2Page - Renesas Technology Corp RJK2006DPJ_10 Datasheet HTML 3Page - Renesas Technology Corp RJK2006DPJ_10 Datasheet HTML 4Page - Renesas Technology Corp RJK2006DPJ_10 Datasheet HTML 5Page - Renesas Technology Corp RJK2006DPJ_10 Datasheet HTML 6Page - Renesas Technology Corp RJK2006DPJ_10 Datasheet HTML 7Page - Renesas Technology Corp RJK2006DPJ_10 Datasheet HTML 8Page - Renesas Technology Corp RJK2006DPJ_10 Datasheet HTML 9Page - Renesas Technology Corp RJK2006DPJ_10 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RJK2006DPJ, RJK2006DPE, RJK2006DPF
REJ03G0512-0200 Rev.2.00 Nov 19, 2009
Page 4 of 7
400
0
16
300
12
200
8
100
4
20
40
60
80
100
0
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
0
0.4
0.8
1.2
1.6
2.0
50
20
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
Case Temperature
Tc (°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
10
0
30
40
0
5
-25
0
25
50
75
100 125
150
2
1
3
4
VDS
VGS
VDD = 160 V
100 V
50 V
VDD = 160 V
100 V
50 V
VDS = 10 V
0.1 mA
ID = 40 A
Ta = 25 °C
VGS = 0 V
Ta = 25 °C
Pulse Test
0
50
100
10000
100
1000
10
VGS = 0
f = 1 MHz
Ta = 25°C
Ciss
Coss
Crss
ID = 10 mA
1 mA


Similar Part No. - RJK2006DPJ_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2006DPJ RENESAS-RJK2006DPJ_15 Datasheet
244Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK2006DPJ_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com