Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK4518DPK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK4518DPK
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4518DPK Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK4518DPK_10 Datasheet HTML 1Page - Renesas Technology Corp RJK4518DPK_10 Datasheet HTML 2Page - Renesas Technology Corp RJK4518DPK_10 Datasheet HTML 3Page - Renesas Technology Corp RJK4518DPK_10 Datasheet HTML 4Page - Renesas Technology Corp RJK4518DPK_10 Datasheet HTML 5Page - Renesas Technology Corp RJK4518DPK_10 Datasheet HTML 6Page - Renesas Technology Corp RJK4518DPK_10 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK4518DPK
Preliminary
R07DS0132EJ0200 Rev.2.00
Page 4 of 6
Sep 08, 2010
800
0
16
600
12
400
8
200
0
4
40
80
120
160200
0
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
00.4
0.8
1.21.6
2.0
100
40
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
20
0
60
80
0
6
5
-25
02550
75
100 125
150
2
1
3
4
VDS
VDD = 360 V
200 V
100 V
VDD = 360 V
200 V
100 V
VDS = 10 V
ID = 10 mA
1 mA
0.1 mA
ID = 39 A
Ta = 25
°C
VGS = 0
Ta = 25
°C
Pulse Test
0
100
200
10000
100
1000
10
VGS = 0
f = 1 MHz
Ta = 25
°C
Ciss
Coss
Crss
VGS


Similar Part No. - RJK4518DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4518DPK RENESAS-RJK4518DPK_15 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK4518DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com