Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3164400T-50 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB3164400T-50
Description  16M x 4-Bit Dynamic RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164400T-50 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB3164400T-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3164400T-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3164400T-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164400T-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164400T-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164400T-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164400T-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164400T-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164400T-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Semiconductor Group
61
16 777 216 words by 4-bit organization
0 to 70 ˚C operating temperature
Fast access and cycle time
RAS access time:
50 ns (-50 version)
60 ns (-60 version)
Cycle time:
90 ns (-50 version)
110 ns (-60 version)
CAS access time:
13 ns ( -50 version)
15 ns ( -60 version)
Fast page mode cycle time
35 ns (-50 version)
40 ns (-60 version)
Single + 3.3 V (
± 0.3V) power supply
Low power dissipation
max. 396 active mW ( HYB 3164400J/T-50)
max. 360 active mW ( HYB 3164400J/T-60)
max. 504 active mW ( HYB 3165400J/T-50)
max. 432 active mW ( HYB 3165400J/T-60)
7.2 mW standby (TTL)
720 W standby (MOS)
Read, write, read-modify-write, CAS-before-RAS refresh (CBR),
RAS-only refresh, hidden refresh and self refresh modes
Fast page mode capability
8192 refresh cycles/128 ms , 13 R/ 11C addresses (HYB 3164400J/T)
4096 refresh cycles/ 64 ms , 12 R/ 12C addresses (HYB 3165400J/T)
Plastic Package:
P-SOJ-34-1
500 mil
HYB 3164(5)400J
P-TSOPII-34-1 500 mil
HYB 3164(5)400T
HYB 3164400J/T -50/-60
HYB 3165400J/T -50/-60
16M x 4-Bit Dynamic RAM
(4k & 8k Refresh)
Preliminary Information


Similar Part No. - HYB3164400T-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164400AJ-40 SIEMENS-HYB3164400AJ-40 Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164400AJ-50 SIEMENS-HYB3164400AJ-50 Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164400AJ-60 SIEMENS-HYB3164400AJ-60 Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164400AT-40 SIEMENS-HYB3164400AT-40 Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164400T-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com