Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3164405BJ-50 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYB3164405BJ-50
Description  16M x 4-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164405BJ-50 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYB3164405BJ-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3164405BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3164405BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164405BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164405BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164405BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164405BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164405BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164405BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Semiconductor Group
3
HYB3164(5)405BJ/BT(L)-40/-50/-60
16M x 4-DRAM
Pin Configuration
Pin Names
A0-A12
Address Inputs for 8k-refresh version HYB 3164405BJ/BT(L)
A0-A11
Address Inputs for 4k-refresh version HYB 3165405BJ/BT(L)
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O4
Data Input/Output
CAS
Column Address Strobe
WE
Read/Write Input
Vcc
Power Supply ( + 3.3V)
Vss
Ground
P-SOJ-32-1 (400 mil)
* Pin 24 is A12 for HYB 3164405BJ/BT(L) and N.C. for HYB 3165405BJ/BT(L)
P-TSOPII-32-1 (400 mil)
1
2
3
4
5
6
9
10
11
12
13
14
23
24
25
26
27
28
VSS
I/O4
I/O3
N.C.
N.C.
CAS
VCC
I/O1
I/O2
N.C.
A0
A1
A2
A3
VCC
18
19
20
O
OE
WE
N.C.
7
22
21
8
RAS
15
16
N.C.
N.C.
.
A4
A5
32
31
30
29
N.C.
A12 / N.C. *
A11
A10
A9
A8
A7
A6
VSS
17


Similar Part No. - HYB3164405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-40 SIEMENS-HYB3164405AJ-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-50 SIEMENS-HYB3164405AJ-50 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-60 SIEMENS-HYB3164405AJ-60 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AT-40 SIEMENS-HYB3164405AT-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com