Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3164400AT-60 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYB3164400AT-60
Description  16M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164400AT-60 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYB3164400AT-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164400AT-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164400AT-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164400AT-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164400AT-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3164400AT-60 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3164400AT-60 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3164400AT-60 Datasheet HTML 14Page - Siemens Semiconductor Group HYB3164400AT-60 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Semiconductor Group
11
HYB3164(5)400AJ/AT(L)-40/-50/-60
16M x 4-DRAM
Fast Page Mode Read-Modify-Write Cycle
Fast page mode read-write cycle
time
tPRWC
60
71
80
ns
CAS precharge to WE
tCPWD
40
48
55
ns
CAS-before-RAS Refresh Cycle
CAS setup time
tCSR
5–
5–
5–ns
CAS hold time
tCHR
5–
5–
10
–ns
RAS to CAS precharge time
tRPC
0–
0–
0–ns
Write to RAS precharge time
tWRP
5–
5–
10
–ns
Write hold time referenced to RAS
tWRH
5–
5–
10
–ns
Self Refresh Cycle (L-version only)
RAS pulse width
tRASS
100k
100k
100k
ns
17
RAS precharge time
tRPS
75
90
110
ns
17
CAS hold time
tCHS
-50
-50
-50
ns
17
Test Mode Cycle
Write command setup time
tWTS
5–
5–
5–ns
18
Write command hold time
tWTH
5–
5–
5–ns
18
Capacitance
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11,A12)
C
I1
–5pF
Input capacitance (RAS, CAS, WE, OE)
C
I2
–7pF
I/O capacitance (I/O1-I/O4)
C
IO
–7pF
AC Characteristics (cont’d)(note: 6,7,8)
AC64-2F
T
A = 0 to 70 °C,VCC = 3.3 ± 0.3V
Parameter
Symbol
-40
-50
-60
Unit Note
min.
max. min.
max. min.
max.


Similar Part No. - HYB3164400AT-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164400J-50 SIEMENS-HYB3164400J-50 Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164400J-60 SIEMENS-HYB3164400J-60 Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164400T-50 SIEMENS-HYB3164400T-50 Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164400T-60 SIEMENS-HYB3164400T-60 Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164400AT-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com