Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60D0DPQ-E0-T2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJH60D0DPQ-E0-T2
Description  600V - 22A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D0DPQ-E0-T2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJH60D0DPQ-E0-T2 Datasheet HTML 1Page - Renesas Technology Corp RJH60D0DPQ-E0-T2 Datasheet HTML 2Page - Renesas Technology Corp RJH60D0DPQ-E0-T2 Datasheet HTML 3Page - Renesas Technology Corp RJH60D0DPQ-E0-T2 Datasheet HTML 4Page - Renesas Technology Corp RJH60D0DPQ-E0-T2 Datasheet HTML 5Page - Renesas Technology Corp RJH60D0DPQ-E0-T2 Datasheet HTML 6Page - Renesas Technology Corp RJH60D0DPQ-E0-T2 Datasheet HTML 7Page - Renesas Technology Corp RJH60D0DPQ-E0-T2 Datasheet HTML 8Page - Renesas Technology Corp RJH60D0DPQ-E0-T2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RJH60D0DPQ-E0
Preliminary
R07DS0737EJ0100 Rev.1.00
Page 5 of 9
Apr 19, 2012
0.1
1
0.01
100
1000
10
50
25
150
75
125
100
Switching Characteristics (Typical) (5)
td(on)
Case Temperature Tc (°C)
(Inductive load)
VCC = 300 V, VGE = 15 V
IC = 22 A, Rg = 5 Ω
tf
td(off)
tr
0.1
1
0.01
100
1000
10
Gate Registance Rg (
Ω)
(Inductive load)
Gate Registance Rg (
Ω)
(Inductive load)
Eoff
Eon
VCC = 300 V, VGE = 15 V
IC = 22 A, Tj = 150°C
Switching Characteristics (Typical) (3)
Switching Characteristics (Typical) (4)
110
100
0.001
0.1
0.01
10
1
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Tj = 150°C
1
10
100
1
10
100
1
10
100
Collector Current IC (A)
(Inductive load)
Eoff
Eon
1
100
10
1000
Switching Characteristics (Typical) (1)
Switching Characteristics (Typical) (2)
Collector Current IC (A)
(Inductive load)
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Tj = 150°C
td(off)
td(on)
tf
tr
td(off)
td(on)
tf
tr
VCC = 300 V, VGE = 15 V
IC = 22 A, Tj = 150°C
50
25
150
75
125
100
Case Temperature Tc (°C)
(Inductive load)
Switching Characteristics (Typical) (6)
Eoff
Eon
VCC = 300 V, VGE = 15 V
IC = 22 A, Rg = 5 Ω


Similar Part No. - RJH60D0DPQ-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPQ-A0 RENESAS-RJH60D0DPQ-A0 Datasheet
91Kb / 8P
   600 V - 22 A - IGBT Application: Inverter
More results

Similar Description - RJH60D0DPQ-E0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM_15 Datasheet
106Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80 Datasheet
112Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0_15 Datasheet
212Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80_15 Datasheet
108Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0 Datasheet
212Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM Datasheet
91Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM_15 Datasheet
97Kb / 8P
   600V - 22A - IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK_15 Datasheet
106Kb / 10P
   600V - 22A - IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com