Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3164405BT-40 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB3164405BT-40
Description  16M x 4-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164405BT-40 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB3164405BT-40 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164405BT-40 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164405BT-40 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164405BT-40 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164405BT-40 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164405BT-40 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164405BT-40 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164405BT-40 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164405BT-40 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Semiconductor Group
7
HYB3164(5)405BJ/BT(L)-40/-50/-60
16M x 4-DRAM
Absolute Maximum Ratings
Operating temperature range..............................................................................................
0 to 70 °C
Storage temperature range......................................................................................... – 55 to 150 °C
Input/output voltage.................................................................................. -0.5 to min (Vcc+0.5,4.6) V
Power supply voltage....................................................................................................
-0.5V to 4.6 V
Power dissipation...............................................................................................................
.....0.62 W
Data out current (short circuit)................................................................................................
..50 mA
Note
Stresses above those listed under „Absolute Maximum Ratings“may cause permanent damage of
the device. Exposure to absolute maximum rating conditions for extended periods may effect device
reliability.
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V
Parameter
Symbol
Limit Values
Unit Note
min.
max.
Input high voltage
V
IH
2.0
Vcc+0.3
V
1)
Input low voltage
V
IL
– 0.3
0.8
V
1)
Output high voltage (LVTTL)
Output „H“level voltage (Iout = -2mA)
V
OH
2.4
V
Output low voltage (LVTTL)
Output „L“level voltage (Iout = +2mA)
V
OL
–0.4
V
Output high voltage (LVCMOS)
Output „H“level voltage (Iout = -100uA)
V
OH
Vcc-0.2
-
V
Ouput low voltage (LVCMOS)
Output „L“level voltage (Iout = +100uA)
V
OL
-
0.2
V
Input leakage current,any input
(0 V < Vin < Vcc , all other pins = 0 V
I
I(L)
– 2
2
µA
Output leakage current
(DO is disabled, 0 V < Vout < Vcc )
I
O(L)
– 2
2
µA


Similar Part No. - HYB3164405BT-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-40 SIEMENS-HYB3164405AJ-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-50 SIEMENS-HYB3164405AJ-50 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ-60 SIEMENS-HYB3164405AJ-60 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405AT-40 SIEMENS-HYB3164405AT-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3164405BT-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com