Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK60S8DPK-M0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK60S8DPK-M0
Description  600V - 110A - SJ MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK60S8DPK-M0 Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK60S8DPK-M0 Datasheet HTML 1Page - Renesas Technology Corp RJK60S8DPK-M0 Datasheet HTML 2Page - Renesas Technology Corp RJK60S8DPK-M0 Datasheet HTML 3Page - Renesas Technology Corp RJK60S8DPK-M0 Datasheet HTML 4Page - Renesas Technology Corp RJK60S8DPK-M0 Datasheet HTML 5Page - Renesas Technology Corp RJK60S8DPK-M0 Datasheet HTML 6Page - Renesas Technology Corp RJK60S8DPK-M0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK60S8DPK-M0
Preliminary
R07DS0644EJ0100Rev.1.00
Page 6 of 6
Apr 23, 2012
Package Dimension
13.60
15.60 ± 0.2
φ3.2 ± 0.2
4.80 ± 0.2
Unit: mm
0.60 ± 0.2
1.40
0.60 ± 0.1
5.45 ± 0.5
3-1.00 ± 0.2
2.4
2.0
5.45 ± 0.5
1.50 ± 0.2
2.825 ± 0.15
Previous Code
JEITA Package Code
RENESAS Code
PRSS0004ZH-A
TO-3PSG/TO-3PSGV
MASS[Typ.]
3.7g
Package Name
TO-3PSG
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJK60S8DPK-M0#T0
360 pcs
Box (Tube)


Similar Part No. - RJK60S8DPK-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S1DPD RENESAS-RJK60S1DPD Datasheet
95Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S1DPD-00J2 RENESAS-RJK60S1DPD-00J2 Datasheet
95Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S1DPP-E0 RENESAS-RJK60S1DPP-E0 Datasheet
105Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S1DPP-E0T2 RENESAS-RJK60S1DPP-E0T2 Datasheet
105Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S2DPD RENESAS-RJK60S2DPD Datasheet
97Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
More results

Similar Description - RJK60S8DPK-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
91Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S1DPD RENESAS-RJK60S1DPD Datasheet
95Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S3DPP-E0 RENESAS-RJK60S3DPP-E0 Datasheet
85Kb / 7P
   600V - 12A - SJ MOS FET High Speed Power Switching
RJK60S7DPK-M0 RENESAS-RJK60S7DPK-M0 Datasheet
99Kb / 8P
   600V -30A - SJ MOS FET High Speed Power Switching
RJK60S7DPP-E0 RENESAS-RJK60S7DPP-E0 Datasheet
88Kb / 7P
   600V -30A - SJ MOS FET High Speed Power Switching
RJK60S1DPP-E0 RENESAS-RJK60S1DPP-E0 Datasheet
105Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0_13 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com