Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1M-1N1S-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L1M-1N1S-10
Description  High Frequency Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L1M-1N1S-10 Datasheet(HTML) 2 Page - Superworld Electronics

  L1M-1N1S-10 Datasheet HTML 1Page - Superworld Electronics L1M-1N1S-10 Datasheet HTML 2Page - Superworld Electronics L1M-1N1S-10 Datasheet HTML 3Page - Superworld Electronics L1M-1N1S-10 Datasheet HTML 4Page - Superworld Electronics L1M-1N1S-10 Datasheet HTML 5Page - Superworld Electronics L1M-1N1S-10 Datasheet HTML 6Page - Superworld Electronics L1M-1N1S-10 Datasheet HTML 7Page - Superworld Electronics L1M-1N1S-10 Datasheet HTML 8Page - Superworld Electronics L1M-1N1S-10 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
5. ELECTRICAL CHARACTERISTICS :
( MHz )
Frequency
Part Number
Inductance
( nH )
Test
Rated Current
DC Resistance
( Ω )
( mA )
L1M-1N0S-10
1.0
100
0.10
SRF
(MHz)
12000
Min.
500
Max.
Max.
Min.
Q
5
L1M-1N1S-10
1.1
100
0.12
11500
500
5
L1M-1N2S-10
1.2
100
0.12
11000
500
5
L1M-1N3S-10
1.3
100
0.15
10000
500
5
L1M-1N5S-10
1.5
100
0.15
9500
500
6
L1M-1N6S-10
1.6
100
0.17
9000
500
6
L1M-1N8S-10
1.8
100
0.17
8500
500
6
L1M-2N0S-10
2.0
100
0.18
8300
500
6
L1M-2N2S-10
2.2
100
0.18
8000
500
6
L1M-2N4S-10
2.4
100
0.20
7800
500
6
L1M-2N7S-10
2.7
100
0.20
7500
500
6
L1M-3N0S-10
3.0
100
0.22
7200
400
6
L1M-3N3S-10
3.3
100
0.22
7000
400
6
L1M-3N6S-10
3.6
100
0.25
6800
400
6
L1M-3N9S-10
3.9
100
0.25
6500
400
6
L1M-4N3S-10
4.3
100
0.28
6300
400
6
L1M-4N7S-10
4.7
100
0.28
6000
400
6
L1M-5N1S-10
5.1
100
0.30
5800
400
6
L1M-5N6S-10
5.6
100
0.30
5700
400
6
L1M-6N2S-10
6.2
100
0.35
5600
400
6
L1M-6N8□-10
6.8
100
0.35
5500
400
6
L1M-7N5□-10
7.5
100
0.38
5000
350
6
L1M-8N2□-10
8.2
100
0.38
5000
350
6
L1M-9N1□-10
9.1
100
0.42
4800
350
6
L1M-10N□-10
10
100
0.42
4700
350
6
L1M-12N□-10
12
100
0.47
4300
350
6
L1M-15N□-10
15
100
0.50
4000
300
6
L1M-18N□-10
18
100
0.60
4000
250
6
L1M-22N□-10
22
100
0.70
3500
200
6
L1M-27N□-10
27
100
0.80
3000
200
6
L1M-33N□-10
33
100
0.90
2500
200
6
L1M-39N□-10
39
100
1.00
2000
200
6
High Frequency Chip Inductor
L1M SERIES
10.11.2011
NOTE : Specifications subject to change without notice. Please check our website for latest information.
L1M-47N□-10
47
100
1.20
1800
200
6


Similar Part No. - L1M-1N1S-10

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1MC-RGB0035000MP0 LUMILEDS-L1MC-RGB0035000MP0 Datasheet
1Mb / 13P
   RGB 3-in-1 versatile package
20190311
L1MC-RGB0035010MP0 LUMILEDS-L1MC-RGB0035010MP0 Datasheet
1Mb / 13P
   RGB 3-in-1 versatile package
20190311
L1MC-RGB2290500MP0 LUMILEDS-L1MC-RGB2290500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
L1MC-RGB2780500MP0 LUMILEDS-L1MC-RGB2780500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
L1MC-RGB3080500MP0 LUMILEDS-L1MC-RGB3080500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
More results

Similar Description - L1M-1N1S-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com