Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3164805AJ-40 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB3164805AJ-40
Description  8M x 8-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164805AJ-40 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB3164805AJ-40 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3164805AJ-40 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Semiconductor Group
7
HYB3164(5)805AJ/AT(L)-40/-50/-60
8M x 8-DRAM
Absolute Maximum Ratings
Operating temperature range..............................................................................................0 to 70 °C
Storage temperature range.........................................................................................– 55 to 150 °C
Input/output voltage..................................................................................-0.5 to min (Vcc+0.5,4.6) V
Power supply voltage....................................................................................................-0.5V to 4.6 V
Power dissipation......................................................................................................................1.0 W
Data out current (short circuit)..................................................................................................50 mA
Note
Stresses above those listed under „Absolute Maximum Ratings“ may cause permanent damage of
the device. Exposure to absolute maximum rating conditions for extended periods may effect device
reliability.
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V
Parameter
Symbol
Limit Values
Unit Note
min.
max.
Input high voltage
V
IH
2.0
Vcc+0.3
V
1)
Input low voltage
V
IL
– 0.3
0.8
V
1)
Output high voltage (LVTTL)
Output „H“ level voltage (Iout = -2mA)
V
OH
2.4
V
Output low voltage (LVTTL)
Output „L“level voltage (Iout = +2mA)
V
OL
0.4
V
Output high voltage (LVCMOS)
Output „H“ level voltage (Iout = -100uA)
V
OH
Vcc-0.2 -
V
Ouput low voltage (LVCMOS)
Output „L“ level voltage (Iout = +100uA)
V
OL
-
0.2
V
Input leakage current,any input
(0 V < Vin < Vcc , all other pins = 0 V
I
I(L)
– 2
2
µA
Output leakage current
(DO is disabled, 0 V < Vout < Vcc )
I
O(L)
– 2
2
µA


Similar Part No. - HYB3164805AJ-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-40 SIEMENS-HYB3164805BJ-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-50 SIEMENS-HYB3164805BJ-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-60 SIEMENS-HYB3164805BJ-60 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BT-40 SIEMENS-HYB3164805BT-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3164805AJ-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com