Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1M-1N8S-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # L1M-1N8S-10
Description  High Frequency Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L1M-1N8S-10 Datasheet(HTML) 6 Page - Superworld Electronics

Back Button L1M-1N8S-10 Datasheet HTML 2Page - Superworld Electronics L1M-1N8S-10 Datasheet HTML 3Page - Superworld Electronics L1M-1N8S-10 Datasheet HTML 4Page - Superworld Electronics L1M-1N8S-10 Datasheet HTML 5Page - Superworld Electronics L1M-1N8S-10 Datasheet HTML 6Page - Superworld Electronics L1M-1N8S-10 Datasheet HTML 7Page - Superworld Electronics L1M-1N8S-10 Datasheet HTML 8Page - Superworld Electronics L1M-1N8S-10 Datasheet HTML 9Page - Superworld Electronics L1M-1N8S-10 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
not be allowed.
Appearance : Cracking, shipping & any other
defects harmful to the characteristics should
The ferrite should not be damaged by forces
applied on the right condition.
Random Vibration Test
Bending Strength
ITEM
1.0(0.039)
R0.5(0.02)
mutually perpendicular directions (Total 9hours).
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 15 min.
Directions & times : X, Y, Z directions for 15 min.
This cycle shall be performed 12 times in each of three
A
PERFORMANCE
TEST CONDITION
Chip
Temperature
Life testing at High
Humidity : 90~95% RH.
Temperature : 60± 2° C
Duration : 504± 8hrs
Duration : 1008± 12hrs
Applied Current : rated current
Temperature : 105± 2° C
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Humidity
Measured : 500 times
Appearance : No damage.
Phase
Inductance : within± 10%of initial value.
Low temperature storage test
Thermal Shock
Number of cycles : 500
Step2 : +105± 2° C 30± 5 min.
Duration : 500± 8hrs
Temperature : -40± 2° C
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
-40± 2° C
2
1
30± 5
Step1 : -40± 2° C 30± 5 min.
Condition for 1 cycle
Temperature (° C)
Times (min.)
height of 75cm.
Drop 10 times on a concrete floor from a
Drop
a. No mechanical damage
b. Inductance change: Within ± 30%.
7. RELIABILITY & TEST CONDITION :
room temp.
0.5
Appearance : No damage.
Inductance : within± 10%of initial value.
Derating Curve
For the ferrite chip bead which withstanding current over 1.5A, as the
operating temperature over 85° C, the derating current information is
necessary to consider with. For the detail derating of current, please
refer to the Derated Current vs. Operating Temperature curve.
2.5
2.70 (0.106)
7
0.80 (0.033)
mm (inches)
1.40 (0.055)
2.00 (0.079)
3
4
5
Series name
2
1.0
2.5
0.3
P-Kgf
6
Q : within± 20%of initial value.
Q: within± 20%of initial value.
3
+105± 2° C
30± 5
1A
1.5A
3A
2A
6A
5A
4A
4
5
6
2
3
1
0
Derating
Operating Temperature(?C)
125
85
Operating Temperature(℃)
High Frequency Chip Inductor
L1M SERIES
10.11.2011
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - L1M-1N8S-10

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1MC-RGB0035000MP0 LUMILEDS-L1MC-RGB0035000MP0 Datasheet
1Mb / 13P
   RGB 3-in-1 versatile package
20190311
L1MC-RGB0035010MP0 LUMILEDS-L1MC-RGB0035010MP0 Datasheet
1Mb / 13P
   RGB 3-in-1 versatile package
20190311
L1MC-RGB2290500MP0 LUMILEDS-L1MC-RGB2290500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
L1MC-RGB2780500MP0 LUMILEDS-L1MC-RGB2780500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
L1MC-RGB3080500MP0 LUMILEDS-L1MC-RGB3080500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
More results

Similar Description - L1M-1N8S-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com