Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS252012U Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPS252012U
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252012U Datasheet(HTML) 1 Page - Superworld Electronics

  SPS252012U Datasheet HTML 1Page - Superworld Electronics SPS252012U Datasheet HTML 2Page - Superworld Electronics SPS252012U Datasheet HTML 3Page - Superworld Electronics SPS252012U Datasheet HTML 4Page - Superworld Electronics SPS252012U Datasheet HTML 5Page - Superworld Electronics SPS252012U Datasheet HTML 6Page - Superworld Electronics SPS252012U Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S P S 2 5 2 0 1 2 U 1 R 0 Y
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) U: Uncoated
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
(a) Core : Ferrite Core
(b) Wire : Copper Wire
a
3. SCHEMATIC :
(e) Tolerance code : M=± 20% Y=± 30%
5. GENERAL SPECIFICATION :
b) Irms Based on temperature rise
T 40 .
a) Isat : Based on inductance change ( L/L0 :
-30%) @ ambient temp. 25°C
SPS252012U SERIES
SMD POWER INDUCTOR
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.09.2011
2.20± 0.1
BD
0.80 ref.
E
Unit:m/m
2.50± 0.1
A
C
1.2 max.
0.85 ref.
b
c) Storage temp. : -40° C to +105° C, 50-60%RH (Product without taping)
d) Operating temp. : -40° C to +105° C
e) Resistance to solder heat : 260± 5° C 10± 0.5secs
(d) Inductance code : 1R0 = 1.0 µH
A
D
E
D
SUPERWORLD ELECTRONICS (S) PTE LTD


Similar Part No. - SPS252012U

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252012D1R0MF SUPERWORLD-SPS252012D1R0MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012D2R2MF SUPERWORLD-SPS252012D2R2MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR47MF SUPERWORLD-SPS252012DR47MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR68MF SUPERWORLD-SPS252012DR68MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012E1R0MF SUPERWORLD-SPS252012E1R0MF Datasheet
217Kb / 8P
   SMD Power Inductors
More results

Similar Description - SPS252012U

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com