Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z1GC121-RC-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # Z1GC121-RC-10
Description  Ferrite Chip Bead
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z1GC121-RC-10 Datasheet(HTML) 6 Page - Superworld Electronics

  Z1GC121-RC-10 Datasheet HTML 1Page - Superworld Electronics Z1GC121-RC-10 Datasheet HTML 2Page - Superworld Electronics Z1GC121-RC-10 Datasheet HTML 3Page - Superworld Electronics Z1GC121-RC-10 Datasheet HTML 4Page - Superworld Electronics Z1GC121-RC-10 Datasheet HTML 5Page - Superworld Electronics Z1GC121-RC-10 Datasheet HTML 6Page - Superworld Electronics Z1GC121-RC-10 Datasheet HTML 7Page - Superworld Electronics Z1GC121-RC-10 Datasheet HTML 8Page - Superworld Electronics Z1GC121-RC-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PG. 6
8. SOLDERING AND MOUNTING :
8-1. Recommended PC Board Pattern
air soldering tools.
8-2.2 Soldering Iron :
8-2.1 Lead Free Solder Re-flow :
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. The terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
Recommended temperature profiles for re-flow soldering in Figure 1.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a) Preheat circuit and products to 150°C.
b) 350°C tip temperature for Ferrite chip bead (max)
c) Never contact the ceramic with the iron tip
a soldering iron must be employed the following precautions are recommended. for Iron Soldering in Figure 2.
Note :
8-2. Soldering
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4-5 secs.
d) 1.0mm tip diameter (max)
under mechanical stress as warping the board.
the mechanical stress to prevent failure.
Products shall be positioned in the sideway direction against
PC board should be designed so that products are not sufficient
Preheating
TP(260°C/40s max.)
60~180s
4 80s max.
Figure 1. Re-flow Soldering:3 times max
150
25
200
217
Time(sec.)
Within4 ~5s
G rad ual
Cooling
O ve r 60s.
Figure 2. Wave Soldering:1 times max
cooling
60~150s
20~40s
Soldering
Natural
cooling
150
350
Preheating
Soldering
Natural
SUPERWORLD ELECTRONICS (S) PTE LTD
1.50
0.40
SUPERWORLD ELECTRONICS (S) PTE LTD
Re-flow soldering temperatures below 240 degrees, there will be unwitting risk
If Use Wave soldering is there will be some risk.
Note.
Ferrite Chip Bead
Z1G Series
10.11.2011
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - Z1GC121-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z1GC102-RB-10 SUPERWORLD-Z1GC102-RB-10 Datasheet
221Kb / 7P
   Ferrite Chip Bead
Z1GC152-RB-10 SUPERWORLD-Z1GC152-RB-10 Datasheet
221Kb / 7P
   Ferrite Chip Bead
Z1GC182-RB-10 SUPERWORLD-Z1GC182-RB-10 Datasheet
221Kb / 7P
   Ferrite Chip Bead
More results

Similar Description - Z1GC121-RC-10

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCGB1005S100FPF SOCAY-SCGB1005S100FPF Datasheet
241Kb / 7P
   Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM21PG221SN1D MURATA-BLM21PG221SN1D Datasheet
123Kb / 4P
   Chip Ferrite Bead
BLM31PG330SN1L MURATA-BLM31PG330SN1L Datasheet
43Kb / 1P
   Chip Ferrite Bead
BLM15AG100SH1D MURATA-BLM15AG100SH1D Datasheet
132Kb / 8P
   Chip Ferrite Bead
logo
Superworld Electronics
Z2K300-RG-10 SUPERWORLD-Z2K300-RG-10_17 Datasheet
336Kb / 8P
   Ferrite Chip Bead
logo
Murata Manufacturing Co...
BLM15PD121SN1D MURATA-BLM15PD121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Bead
BLM21A MURATA-BLM21A Datasheet
112Kb / 3P
   Chip Ferrite Bead
logo
Socay Electornics Co., ...
SCGB1005B102EPF SOCAY-SCGB1005B102EPF Datasheet
224Kb / 4P
   Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM21AG601SN1B MURATA1-BLM21AG601SN1B Datasheet
330Kb / 10P
   Chip Ferrite Bead
logo
Superworld Electronics
Z1G_SERIES SUPERWORLD-Z1G_SERIES Datasheet
221Kb / 7P
   Ferrite Chip Bead
logo
Socay Electornics Co., ...
SCGB1005H750FPF SOCAY-SCGB1005H750FPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com