Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1M-6N2S-10 Datasheet(PDF) 8 Page - Superworld Electronics

Part # L1M-6N2S-10
Description  High Frequency Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L1M-6N2S-10 Datasheet(HTML) 8 Page - Superworld Electronics

Back Button L1M-6N2S-10 Datasheet HTML 2Page - Superworld Electronics L1M-6N2S-10 Datasheet HTML 3Page - Superworld Electronics L1M-6N2S-10 Datasheet HTML 4Page - Superworld Electronics L1M-6N2S-10 Datasheet HTML 5Page - Superworld Electronics L1M-6N2S-10 Datasheet HTML 6Page - Superworld Electronics L1M-6N2S-10 Datasheet HTML 7Page - Superworld Electronics L1M-6N2S-10 Datasheet HTML 8Page - Superworld Electronics L1M-6N2S-10 Datasheet HTML 9Page - Superworld Electronics L1M-6N2S-10 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 8
may cause the failure of mechanical or electrical performance. Solder shall be used not to be exceed as shown in Fig. 4.
Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding solder volume
Figure 4
Recommendable
Upper limit
8-3. Solder Volume
Minimum fillet height = soldering thickness + 25% product height
High Frequency Chip Inductor
L1M SERIES
10.11.2011
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - L1M-6N2S-10

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1MC-RGB0035000MP0 LUMILEDS-L1MC-RGB0035000MP0 Datasheet
1Mb / 13P
   RGB 3-in-1 versatile package
20190311
L1MC-RGB0035010MP0 LUMILEDS-L1MC-RGB0035010MP0 Datasheet
1Mb / 13P
   RGB 3-in-1 versatile package
20190311
L1MC-RGB2290500MP0 LUMILEDS-L1MC-RGB2290500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
L1MC-RGB2780500MP0 LUMILEDS-L1MC-RGB2780500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
L1MC-RGB3080500MP0 LUMILEDS-L1MC-RGB3080500MP0 Datasheet
2Mb / 20P
   LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
20210428
More results

Similar Description - L1M-6N2S-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com