Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB39S16320TQ-6 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB39S16320TQ-6
Description  Special Mode Registers Two color registers Burst Read with Single Write Operation
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB39S16320TQ-6 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB39S16320TQ-6 Datasheet HTML 1Page - Siemens Semiconductor Group HYB39S16320TQ-6 Datasheet HTML 2Page - Siemens Semiconductor Group HYB39S16320TQ-6 Datasheet HTML 3Page - Siemens Semiconductor Group HYB39S16320TQ-6 Datasheet HTML 4Page - Siemens Semiconductor Group HYB39S16320TQ-6 Datasheet HTML 5Page - Siemens Semiconductor Group HYB39S16320TQ-6 Datasheet HTML 6Page - Siemens Semiconductor Group HYB39S16320TQ-6 Datasheet HTML 7Page - Siemens Semiconductor Group HYB39S16320TQ-6 Datasheet HTML 8Page - Siemens Semiconductor Group HYB39S16320TQ-6 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Semiconductor Group
1
1998-10-01
Overview
The HYB 39S163200TQ are dual bank Synchronous Graphics DRAM’s (SGRAM) organized as
2 banks
× 256 Kbit × 32 with built-in graphics features. These synchronous devices achieve high
speed data transfer rates up to 143 MHz by employing a chip architecture that prefetches multiple
bits and then synchronizes the output data to a system clock. The chip is fabricated with an
advanced 64MBit DRAM process technology.
The device is designed to comply with all JEDEC standards set for synchronous graphics DRAM
products, both electrically and mechanically.
RAS, CAS, WE, DSF and CS are pulsed signals which are examined at the positive edge of each
externally applied clock. Internal chip operating modes are defined by combinations of these
signals. A ten bit address bus accepts address data in the conventional RAS/CAS multiplexing
style. Ten row address bits (A0 - A9) and a bank select BA are strobed with RAS. Column address
bits plus a bank select are strobed with CAS.
Prior to any access operation, the CAS latency, burst length and burst sequence must be
programmed into the device by address inputs during a mode register set cycle. An Auto Precharge
function may be enabled to provide a self-timed row precharge. This is initiated at the end of the
burst sequence. In addition, it features the write per bit, the block write and the masked block write
• High Performance:
• Single Pulsed RAS Interface
• Programmable CAS Latency: 2, 3
• Fully Synchronous to Positive Clock Edge
• Programmable Wrap Sequence:
Sequential or Interleave
Programmable Burst Length:
1, 2, 4, 8 and full page for sequential
1, 2, 4, 8 for interleave
-6
-7
-7
-8
Units
f
CK
166
125
125
125
MHz
latency
3233
t
CK3
6878ns
t
AC3
5.5
5.5
5.5
6
ns
• Special Mode Registers
• Two color registers
• Burst Read with Single Write Operation
• Block Write and Write-per-Bit Capability
• Byte controlled by DQM0-3
• Auto Precharge and Auto Refresh Modes
• Suspend Mode and Power Down Mode
• 2k refresh cycles/32 ms
t
AC = 5 ns
t
SETUP/tHOLD = 2 ns/1 ns
• Latency 2 @ 125 MHz
• Random Column Address every CLK
(1-N Rule)
• Single 3.3 V
± 0.3 V Power Supply
• LVTTL compatible inputs and outputs
HYB 39S13620TQ-6/-7/-8


Similar Part No. - HYB39S16320TQ-6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S16160AT-10 SIEMENS-HYB39S16160AT-10 Datasheet
147Kb / 22P
   16 MBit Synchronous DRAM
HYB39S16160AT-8 SIEMENS-HYB39S16160AT-8 Datasheet
147Kb / 22P
   16 MBit Synchronous DRAM
HYB39S16160BT-10 SIEMENS-HYB39S16160BT-10 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
HYB39S16160BT-8 SIEMENS-HYB39S16160BT-8 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
HYB39S16160CT-10 SIEMENS-HYB39S16160CT-10 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
More results

Similar Description - HYB39S16320TQ-6

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16MS-7BCN ALSC-AS4C32M16MS-7BCN Datasheet
3Mb / 48P
   Multiple Burst Read with Single Write Operation
logo
Silicon Laboratories
SI3050-EVB SILABS-SI3050-EVB Datasheet
187Kb / 16P
   Ability to read and write DAA registers
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
Alliance Semiconductor ...
AS4C1M16S-CI ALSC-AS4C1M16S-CI Datasheet
1Mb / 54P
   Programmable Mode registers
AS4C8M16S ALSC-AS4C8M16S Datasheet
1Mb / 55P
   Programmable Mode registers
AS4C16M16S ALSC-AS4C16M16S Datasheet
2Mb / 54P
   Programmable Mode registers
logo
Integrated Silicon Solu...
IS61DDB42M18A ISSI-IS61DDB42M18A Datasheet
807Kb / 32P
   Synchronous pipeline read with late write operation
IS61DDB44M18A ISSI-IS61DDB44M18A Datasheet
814Kb / 31P
   Synchronous pipeline read with late write operation
IS61QDB42M18A ISSI-IS61QDB42M18A Datasheet
798Kb / 30P
   Synchronous pipeline read with late write operation
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com