Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1338U-3+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1338U-3+
Description  I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1338U-3+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1338U-3+ Datasheet HTML 1Page - Maxim Integrated Products DS1338U-3+ Datasheet HTML 2Page - Maxim Integrated Products DS1338U-3+ Datasheet HTML 3Page - Maxim Integrated Products DS1338U-3+ Datasheet HTML 4Page - Maxim Integrated Products DS1338U-3+ Datasheet HTML 5Page - Maxim Integrated Products DS1338U-3+ Datasheet HTML 6Page - Maxim Integrated Products DS1338U-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1338U-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1338U-3+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS1338 I2C RTC with 56-Byte NV RAM
3 of 16
DC ELECTRICAL CHARACTERISTICS
(
VCC = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VBAT = 3.0V, TA = +25°C, unless
otherwise noted.) (Note 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
VBAT Current (OSC ON); VBAT = 3.7V, SQW/OUT OFF (Note 7)
IBATOSC1
800
1200
nA
VBAT Current (OSC ON); VBAT = 3.7V, SQW/OUT ON (32kHz)
(Note 7)
IBATOSC2
1025
1400
nA
VBAT Data-Retention Current (Osc Off); VBAT = 3.7V (Note 7)
IBATDAT
10
100
nA
AC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
Fast mode
100
400
kHz
Standard mode
0
100
Bus Free Time Between STOP
and START Condition
tBUF
Fast mode
1.3
µ
s
Standard mode
4.7
Hold Time (Repeated) START
Condition (Note 8)
tHD:STA
Fast mode
0.6
µ
s
Standard mode
4.0
LOW Period of SCL Clock
tLOW
Fast mode
1.3
µ
s
Standard mode
4.7
HIGH Period of SCL Clock
tHIGH
Fast mode
0.6
µ
s
Standard mode
4.0
Setup Time for Repeated
START Condition
tSU:STA
Fast mode
0.6
µ
s
Standard mode
4.7
Data Hold Time (Notes 9, 10)
tHD:DAT
Fast mode
0
0.9
µ
s
Standard mode
0
Data Setup Time (Note 11)
tSU:DAT
Fast mode
100
ns
Standard mode
250
Rise Time of Both SDA and
SCL Signals (Note 12)
tR
Fast mode
20 + 0.1CB
300
ns
Standard mode
20 + 0.1CB
1000
Fall Time of Both SDA and
SCL Signals (Note 12)
tF
Fast mode
20 + 0.1CB
300
ns
Standard mode
20 + 0.1CB
300
Setup Time for STOP
Condition
tSU:STO
Fast mode
0.6
µ
s
Standard mode
4.0
Capacitive Load for Each Bus
Line
CB
(Note 12)
400
pF
I/O Capacitance (SDA, SCL)
CI/O
(Note 13)
10
pF
Oscillator Stop Flag (OSF)
Delay
tOSF
(Note 14)
100
ms


Similar Part No. - DS1338U-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338U-3++ MAXIM-DS1338U-3+ Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
More results

Similar Description - DS1338U-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
   Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com