Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1746WP-120IND+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1746WP-120IND+
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1746WP-120IND+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1746WP-120IND+ Datasheet HTML 1Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 2Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 3Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 4Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 5Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 6Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 7Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 8Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS1746/DS1746P Y2K-Compliant, Nonvolatile Timekeeping RAMs
3 of 16
ORDERING INFORMATION
PART
VOLTAGE
RANGE
(V)
TEMP RANGE
PIN-PACKAGE
TOP MARK
DS1746-70+
5.0
0°C to +70°C
32 EDIP (0.740a)
DS1746+070
DS1746-70IND+
5.0
-40°C to +85°C
32 EDIP (0.740a)
DS1746+070 IND
DS1746P-70+
5.0
0°C to +70°C
34 PowerCap*
DS1746P+70
DS1746P-70IND+
5.0
-40°C to +85°C
34 PowerCap*
DS1746P+070 IND
DS1746W-120+
3.3
0°C to +70°C
32 EDIP (0.740a)
DS1746W+120
DS1746W-120IND+
3.3
-40°C to +85°C
32 EDIP (0.740a)
DS1746W+120 IND
DS1746WP-120+
3.3
0°C to +70°C
34 PowerCap*
DS1746WP+120
DS1746WP-120IND+
3.3
-40°C to +85°C
34 PowerCap*
DS1746WP+120 IND
+Denotes a lead(Pb)-free/RoHS-compliant package. The top mark will include a “+” symbol on lead-free devices.
*DS9034-PCX+ or DS9034I-PCX+ required (must be ordered separately).
† An “IND” anywhere on the top mark denotes an industrial temperature grade device.
DESCRIPTION
The DS1746 is a full-function, year-2000-compliant (Y2KC), real-time clock/calendar (RTC) and
128k x 8 nonvolatile static RAM. User access to all registers within the DS1746 is accomplished with a
byte-wide interface as shown in Figure 1. The RTC information and control bits reside in the eight
uppermost RAM locations. The RTC registers contain century, year, month, date, day, hours, minutes,
and seconds data in 24-hour binary-coded decimal (BCD) format. Corrections for the date of each month
and leap year are made automatically. The RTC clock registers are double buffered to avoid access of
incorrect data that can occur during clock update cycles. The double-buffered system also prevents time
loss as the timekeeping countdown continues unabated by access to time register data. The DS1746 also
contains its own power-fail circuitry, which deselects the device when the VCC supply is in an out of
tolerance condition. This feature prevents loss of data from unpredictable system operation brought on by
low VCC as errant access and update cycles are avoided.


Similar Part No. - DS1746WP-120IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1746WP-120IND++ MAXIM-DS1746WP-120IND+ Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results

Similar Description - DS1746WP-120IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com