Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT0100-J00 Datasheet(PDF) 1 Page - PowerVolt Inc.

Part # CT0100-J00
Description  Connection Diagram , Schematic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERVOLT [PowerVolt Inc.]
Direct Link  http://www.powervolt.com
Logo POWERVOLT - PowerVolt Inc.

CT0100-J00 Datasheet(HTML) 1 Page - PowerVolt Inc.

  CT0100-J00 Datasheet HTML 1Page - PowerVolt Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GROUP: J (GYBV
)
Primary Voltage
: 240/480 VAC @ 50/60Hz
UL, CSA and CE Pending
Secondary Voltage : 24 VAC
Part
Number
VA
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CT0025-J00
25
3.000
3.750
2.750
2.500
1.750
3/8 x 13/64
1.94
CT0050-J00
50
3.000
3.563
2.750
2.500
2.250
3/8 x 13/64
2.72
CT0075- J00
75
3.000
3.750
2.750
2.500
2.438
3/8 x 13/64
3.10
CT0100-J00
100
3.000
3.750
2.750
2.500
2.625
3/8 x 13/64
3.26
CT0150-J00
150
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.82
CT0200-J00
200
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.92
CT0250-J00
250
4.125
4.313
3. 500
3.438
3.000
3/8 x 13/64
9.34
CT0300-J00
300
4.500
4.313
3.875
3.750
3.000
3/8 x 13/64
9.64
CT0350-J00
350
4.500
4.813
3.875
3.750
2.500
3/8 x 13/64
11.50
GROUP: K (EYBV)
Primary Voltage
: 120/240 VAC @ 50/60Hz60Hz
UL, CSA and CE Pending
Secondary Voltage : 24 VAC
Part
Number
VA
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CT0025-K00
25
3.000
3.750
2.750
2.500
1.750
3/8 x 13/64
1.94
CT0050-K00
50
3.000
3.563
2.750
2.500
2.250
3/8 x 13/64
2.72
CT0075-K00
75
3.000
3.750
2.750
2.500
2.438
3/8 x 13/64
3.10
CT0100-K00
100
3.000
3.750
2.750
2.500
2.625
3/8 x 13/64
3.26
CT0150-K00
150
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.82
CT0200-K00
200
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.92
CT0250-K00
250
4.125
4.313
3. 500
3.438
3.000
3/8 x 13/64
9.34
CT0300-K00
300
4.500
4.313
3.875
3.750
3.000
3/8 x 13/64
9.64
CT0350-K00
350
4.500
4.813
3.875
3.750
2.500
3/8 x 13/64
11.50
GROUP: L :
Auto-Transformer (NWGV01)
Primary Voltage
: 200/220/240/400/480 VAC @ 50/60Hz
Secondary Voltage : 230 VAC With Fuse
Part
Number
VA
SEC.
Fuse
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CTA100-L01
100
1A
3.000
3.313
3.250
2.500
2.125
3/8 x 13/64
2.50
CTA200-L01
200
T
T
To
o
o b
b
be
e
e A
A
Ad
d
dd
d
de
e
ed
d
d
CTA300-L01
300
CTA400-L01
400
CTA500-L01
500
CTA600-L01
600
CTA700-L01
700
5A
4.500
4.813
4.500
3.750
3.500
3/8 x 13/64
11.36
CTA800-L01
800
T
T
To
o
o b
b
be
e
e A
A
Ad
d
dd
d
de
e
ed
d
d
CTA900-L01
900
300 Factory Road, Addison IL 60101
Phone: (630) 628-9999 Fax: (630) 628-9922 WWW.POWERVOLT.COM


Similar Part No. - CT0100-J00

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
CT0100-A00 POWERVOLT-CT0100-A00 Datasheet
151Kb / 1P
   Connection Diagram , Schematic
CT0100-B00 POWERVOLT-CT0100-B00 Datasheet
151Kb / 1P
   Connection Diagram , Schematic
CT0100-C00 POWERVOLT-CT0100-C00 Datasheet
157Kb / 1P
   Schematic
CT0100-D00 POWERVOLT-CT0100-D00 Datasheet
157Kb / 1P
   Schematic
CT0100-E00 POWERVOLT-CT0100-E00 Datasheet
157Kb / 1P
   Schematic
More results

Similar Description - CT0100-J00

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
CT0025-G00 POWERVOLT-CT0025-G00 Datasheet
166Kb / 1P
   Connection Diagram , Schematic
CT0025-A00 POWERVOLT-CT0025-A00 Datasheet
151Kb / 1P
   Connection Diagram , Schematic
logo
Rhombus Industries Inc.
T-759 RHOMBUS-IND-T-759 Datasheet
22Kb / 1P
   SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
14A1-RU ETC-14A1-RU Datasheet
1Mb / 7P
   SCHEMATIC DIAGRAM
logo
Rhombus Industries Inc.
T-531 RHOMBUS-IND-T-531 Datasheet
28Kb / 1P
   SCHEMATIC DIAGRAM
logo
Samsung semiconductor
CX-6840 SAMSUNG-CX-6840 Datasheet
2Mb / 10P
   SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
KX-T2365SU ETC1-KX-T2365SU Datasheet
198Kb / 2P
   SCHEMATIC DIAGRAM
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
STK-403-070 ETC1-STK-403-070 Datasheet
281Kb / 1P
   AMP SCHEMATIC DIAGRAM
logo
New Jersey Semi-Conduct...
BSS72 NJSEMI-BSS72 Datasheet
82Kb / 1P
   INTERNAL SCHEMATIC DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com