Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT1000-C00 Datasheet(PDF) 1 Page - PowerVolt Inc.

Part # CT1000-C00
Description  Schematic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERVOLT [PowerVolt Inc.]
Direct Link  http://www.powervolt.com
Logo POWERVOLT - PowerVolt Inc.

CT1000-C00 Datasheet(HTML) 1 Page - PowerVolt Inc.

  CT1000-C00 Datasheet HTML 1Page - PowerVolt Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GROUP: C (NUGV)
Primary Voltage
: 480 VAC @ 50/60Hz ; Secondary Voltage : 240 VAC
Part
Number
VA
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CT0025-C00
25
3.000
3.750
2.750
2.500
1.750
3/8 x 13/64
1.94
CT0050-C00
50
3.000
3.563
2.750
2.500
2.250
3/8 x 13/64
2.72
CT0075-C00
75
3.000
3.750
2.750
2.500
2.438
3/8 x 13/64
3.10
CT0100-C00
100
3.000
3.750
2.750
2.500
2.625
3/8 x 13/64
3.26
CT0150-C00
150
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.82
CT0200-C00
200
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.92
CT0250-C00
250
4.125
4.313
3. 500
3.438
3.000
3/8 x 13/64
9.34
CT0300-C00
300
4.500
4.313
3.875
3.750
3.000
3/8 x 13/64
9.64
CT0350-C00
350
4.500
4.813
3.875
3.750
2.500
3/8 x 13/64
11.50
CT0500-C00
500
5.250
4.750
5.250
4.375
3.625
9/16 x 9/32
18.00
CT0750-C00
750
5.250
5.250
5.250
4.375
4.125
9/16 x 9/32
24.72
CT1000-C00
1000
6.375
5.125
6.125
5.313
3.750
9/16 x 9/32
25.74
CT1500-C00
1500
6.375
6.625
6.625
5.313
5.125
9/16 x 9/32
36.75
GROUP: D (QUGV)
Primary Voltage
: 600 VAC @ 50/60Hz ;
Secondary Voltage : 240 VAC
Part
Number
VA
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CT0025-D00
25
3.000
3.750
2.750
2.500
1.750
3/8 x 13/64
1.94
CT0050-D00
50
3.000
3.563
2.750
2.500
2.250
3/8 x 13/64
2.72
CT0075-D00
75
3.000
3.750
2.750
2.500
2.438
3/8 x 13/64
3.10
CT0100-D00
100
3.000
3.750
2.750
2.500
2.625
3/8 x 13/64
3.26
CT0150-D00
150
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.82
CT0200-D00
200
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.92
CT0250-D00
250
4.125
4.313
3. 500
3.438
3.000
3/8 x 13/64
9.34
CT0300-D00
300
4.500
4.313
3.875
3.750
3.000
3/8 x 13/64
9.64
CT0350-D00
350
4.500
4.813
3.875
3.750
2.500
3/8 x 13/64
11.50
CT0500-D00
500
5.250
4.750
5.250
4.375
3.625
9/16 x 9/32
18.00
CT0750-D00
750
5.250
5.250
5.250
4.375
4.125
9/16 x 9/32
24.72
CT1000-D00
1000
6.375
5.125
6.125
5.313
3.750
9/16 x 9/32
25.74
CT1500-D00
1500
6.375
6.625
6.625
5.313
5.125
9/16 x 9/32
36.75
GROUP: E (MWEV)
Primary Voltage
: 208 , 230 , 460 VAC @ 50/60Hz ; Secondary Voltage : 115 VAC
Part
Number
VA
Overall
Dimensions
Mounting
Centers
Mtg. Slot
(4 PLCS)
Wt.
Lbs
Price
L
W
H
ML
MW
CT0025-E00
25
3.000
3.750
2.750
2.500
1.750
3/8 x 13/64
1.94
CT0050-E00
50
3.000
3.563
2.750
2.500
2.250
3/8 x 13/64
2.72
CT0075-E00
75
3.000
3.750
2.750
2.500
2.438
3/8 x 13/64
3.10
CT0100-E00
100
3.000
3.750
2.750
2.500
2.625
3/8 x 13/64
3.26
CT0150-E00
150
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.82
CT0200-E00
200
3.750
4.125
3.375
3.125
2.750
3/8 x 13/64
5.92
CT0250-E00
250
4.125
4.313
3. 500
3.438
3.000
3/8 x 13/64
9.34
CT0300-E00
300
4.500
4.313
3.875
3.750
3.000
3/8 x 13/64
9.64
CT0350-E00
350
4.500
4.813
3.875
3.750
2.500
3/8 x 13/64
11.50
CT0500-E00
500
5.250
4.750
5.250
4.375
3.625
9/16 x 9/32
18.00
CT0750-E00
750
5.250
5.250
5.250
4.375
4.125
9/16 x 9/32
24.72
CT1000-E00
1000
6.375
5.125
6.125
5.313
3.750
9/16 x 9/32
25.74
CT1500-E00
1500
6.375
6.625
6.625
5.313
5.125
9/16 x 9/32
36.75
300 Factory Road, Addison IL 60101
Phone: (630) 628-9999 Fax: (630) 628-9922 WWW.POWERVOLT.COM


Similar Part No. - CT1000-C00

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
CT1000-A00 POWERVOLT-CT1000-A00 Datasheet
151Kb / 1P
   Connection Diagram , Schematic
CT1000-B00 POWERVOLT-CT1000-B00 Datasheet
151Kb / 1P
   Connection Diagram , Schematic
CT1000-F00 POWERVOLT-CT1000-F00 Datasheet
165Kb / 1P
   Schematic
CT1000-F00 POWERVOLT-CT1000-F00 Datasheet
166Kb / 1P
   Connection Diagram , Schematic
CT1000-G00 POWERVOLT-CT1000-G00 Datasheet
165Kb / 1P
   Schematic
More results

Similar Description - CT1000-C00

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
CT0025-F00 POWERVOLT-CT0025-F00 Datasheet
165Kb / 1P
   Schematic
logo
Pulse A Technitrol Comp...
ST4202TNL PULSE-ST4202TNL Datasheet
156Kb / 3P
   SCHEMATIC
E2457NL PULSE-E2457NL Datasheet
69Kb / 2P
   SCHEMATIC
logo
NEC
NE32900 NEC-NE32900 Datasheet
23Kb / 1P
   SCHEMATIC
logo
Pulse A Technitrol Comp...
E2467NL PULSE-E2467NL Datasheet
72Kb / 2P
   SCHEMATIC
logo
Rhombus Industries Inc.
L-658 RHOMBUS-IND-L-658 Datasheet
18Kb / 1P
   schematic
T-759 RHOMBUS-IND-T-759 Datasheet
22Kb / 1P
   SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
MIKROE-2405 ETC1-MIKROE-2405 Datasheet
289Kb / 1P
   schematic v100
logo
Rhombus Industries Inc.
T-531 RHOMBUS-IND-T-531 Datasheet
28Kb / 1P
   SCHEMATIC DIAGRAM
logo
Samsung semiconductor
CX-6840 SAMSUNG-CX-6840 Datasheet
2Mb / 10P
   SCHEMATIC DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com