Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C11287 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C11287
Description  Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C11287 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C11287 Datasheet HTML 1Page - Hamamatsu Corporation C11287 Datasheet HTML 2Page - Hamamatsu Corporation C11287 Datasheet HTML 3Page - Hamamatsu Corporation C11287 Datasheet HTML 4Page - Hamamatsu Corporation C11287 Datasheet HTML 5Page - Hamamatsu Corporation C11287 Datasheet HTML 6Page - Hamamatsu Corporation C11287 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Driver circuits for CCD image sensor
Driver circuit for CCD image sensor
(S10420/S11071/S11510 series)
www.hamamatsu.com
C11287
C11288
1
The C11287 and C11288 are driver circuits designed for HAMAMATSU CCD image sensor S10420/S11071/S11510 series. The
C11287 and C11288 can be used in spectrometer when combined with the S10420/S11071/S11510 series.
The C11287 and C11288 hold a CCD driver circuit, analog video signal processing circuit (14-bit A/D converter), timing genera-
tor, control circuit and power supply. The C11287 and C11288 convert analog video signals from a CCD into digital signals and
outputs them. The USB connector (USB 2.0) provided as a standard feature easily connects to a PC for the C11287 and C11288
control and data acquisition. No additional power supply for the C11287 is needed since power is supplied from the PC through
the USB connector. The C11287 and C11288 also have a BNC connector for external trigger input and pulse output. The C11287
and C11288 are compact, lightweight and very easy to handle.
Application software (DCam-USB) that comes with the C11287 and C11288 allows easy operation from a PC running on Windows
2000/XP. A function library (DCamUSB.DDL) included with the application software helps you to develop your own software. This
software is available with DLL to help you develop your own software programs under various developmental environments.
Features
Applications
Control of CCD image sensor
(S10420/S11071/S11510 series) and data aquisition
Built-in 14-bit A/D converter
Spectrometer
Adjustable offset
Adjustable gain
Interface of computer: USB 2.0
Power supply: USB bus power (C11287)
DC+5 V (C11288)
The table below shows CCD image sensor applicable for the C11287/C11288.
Since the C11287 and C11288 do not include a CCD image sensor, so select the desired sensor and order it separately.
Type no.
CCD area image sensor
Type no.
Number of pixels
Number of active
pixels
Pixel size
(μm)
Active area
[mm (H) × mm (V)]
C11287
S10420-1004-01
1044 × 22
1024 × 16
14 × 14
14.336 × 0.224
S10420-1006-01
1044 × 70
1024 × 64
14.336 × 0.896
S10420-1104-01
2068 × 22
2048 × 16
28.672 × 0.224
S10420-1106-01
2068 × 70
2048 × 64
28.672 × 0.896
S11510-1006
1044 × 70
1024 × 64
14.336 × 0.896
S11510-1106
2068 × 70
2048 × 64
28.672 × 0.896
C11288
S11071-1004
1044 × 22
1024 × 16
14 × 14
14.336 × 0.224
S11071-1006
1044 × 70
1024 × 64
14.336 × 0.896
S11071-1104
2068 × 22
2048 × 16
28.672 × 0.224
S11071-1106
2068 × 70
2048 × 64
28.672 × 0.896


Similar Part No. - C11287

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11287 HAMAMATSU-C11287_15 Datasheet
669Kb / 10P
   Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
More results

Similar Description - C11287

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11287 HAMAMATSU-C11287_15 Datasheet
669Kb / 10P
   Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
   Vertical Clock Driver for CCD Image sensor
CDX1250 SONY-CDX1250 Datasheet
109Kb / 7P
   Vertical Clock Driver for CCD Image sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
C11165 HAMAMATSU-C11165 Datasheet
362Kb / 7P
   Driver circuit for CCD image sensor Interface of computer: USB 2.0
logo
Panasonic Semiconductor
MN31121SA PANASONIC-MN31121SA Datasheet
173Kb / 11P
   CCD Image Sensor Vertical Driver IC
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com