Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9696-103 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # P9696-103
Description  Infrared detectors with fast response and high sensitivity in 5 m wavelength band
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P9696-103 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  P9696-103 Datasheet HTML 1Page - Hamamatsu Corporation P9696-103 Datasheet HTML 2Page - Hamamatsu Corporation P9696-103 Datasheet HTML 3Page - Hamamatsu Corporation P9696-103 Datasheet HTML 4Page - Hamamatsu Corporation P9696-103 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PbSe photoconductive detectors
P9696 series, P3207-07
3
S/N vs. supply voltage (P9696-02)
S/N vs. chopping frequency
Supply voltage (V)
120
80
(Typ. Ta=25 °C)
0
0
200
600
800
1000
1200
1600
1400
400
0
5
15
10
20
20
100
40
60
S (Signal)
N (Noise)
Light source: black body 500 K
Incident energy: 16.7 μW/cm
2
Chopping frequency: 600 Hz
Frequency bandwidth: 60 Hz
Supply voltage is the
value which contains
load resistance.
Chopping frequency (Hz)
10
0
10
2
10
1
10
3
10
4
10
1
10
2
10
3
N (Noise)
S (Signal)
S/N
(Ta=25 °C)
Light source: black body 500 K
Incident energy: 16.7 μW/cm
2
Supply voltage: 15 V
KIRDB0440EA
KIRDB0441EA
Photo sensitivity vs. element temperature
Dark resistance, rise time vs. element temperature
Element temperature (°C)
(Typ. Ta=25 °C)
10
1
10
2
-20
10
3
-10
0
10
20
30
40
50
Light source: black body 500 K
Supply voltage: 15 V
Incident energy: 16.7 μW/cm
2
Chopping frequency: 600 Hz
Element temperature (°C)
(Typ. Ta=25 °C)
10
1
10
2
10
3
020
10
40
30
50
-20
-10
Dark resistance
Rise time
KIRDB0442EA
KIRDB0443EA
Cooling the device enhances its sensitivity, but the
sensitivity also depends on the load resistance in
the circuit.
Increasing the chopping frequency reduces the
1/f noise and results in an S/N improvement. The
S/N can also be improved by narrowing the noise
bandwidth using a lock-in ampli¿er.


Similar Part No. - P9696-103

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com