Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7170-0909 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # S7170-0909
Description  512512 pixels, back-thinned FFT-CCD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7170-0909 Datasheet(HTML) 6 Page - Hamamatsu Corporation

Back Button S7170-0909_11 Datasheet HTML 2Page - Hamamatsu Corporation S7170-0909_11 Datasheet HTML 3Page - Hamamatsu Corporation S7170-0909_11 Datasheet HTML 4Page - Hamamatsu Corporation S7170-0909_11 Datasheet HTML 5Page - Hamamatsu Corporation S7170-0909_11 Datasheet HTML 6Page - Hamamatsu Corporation S7170-0909_11 Datasheet HTML 7Page - Hamamatsu Corporation S7170-0909_11 Datasheet HTML 8Page - Hamamatsu Corporation S7170-0909_11 Datasheet HTML 9Page - Hamamatsu Corporation S7170-0909_11 Datasheet HTML 10Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CCD area image sensors
S7170-0909, S7171-0909-01
6
Area scanning (large full well mode)
Timing chart
Parameter
Symbol
Min.
Typ.
Max.
Unit
P1V, P2V, TG*15
Pulse width
Tpwv
6
8
-
s
Rise and fall times
Tprv, Tpfv
200
-
-
ns
P1H, P2H*15
Pulse width
Tpwh
500
2000
-
ns
Rise and fall times
Tprh, Tpfh
10
-
-
ns
Duty ratio
-
40
50
60
%
SG
Pulse width
Tpws
500
2000
-
ns
Rise and fall times
Tprs, Tpfs
10
-
-
ns
Duty ratio
-
40
50
60
%
RG
Pulse width
Tpwr
100
-
-
ns
Rise and fall times
Tprr, Tpfr
5
-
-
ns
TG - P1H
Overlap time
Tovr
3
-
-
s
*
15: Symmetrical clock pulses should be overlapped at 50% of maximum amplitude.
Integration period
(shutter has to be open)
P1V
RG
OS
P2V, TG
P1H
P2H, SG
Readout period (shutter has to be closed)
Enlarged view
4..519
520
←512 + 8 (bevel)
Tpwv
Tovr
Tpwr
D1
D2
D3
D4
D18
D19
D20
D5..D12, S1..S512, D13..D17
P2V, TG
P1H
P2H, SG
RG
OS
Tpwh, Tpws
12
3
KMPDC0120EA


Similar Part No. - S7170-0909_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7170-0909 HAMAMATSU-S7170-0909_15 Datasheet
343Kb / 12P
   CCD area image sensors
More results

Similar Description - S7170-0909_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S7030 HAMAMATSU-S7030 Datasheet
244Kb / 12P
   Back-thinned FFT-CCD
S9736 HAMAMATSU-S9736_15 Datasheet
325Kb / 9P
   512 x 512 pixels, front-illuminated FFT-CCDs
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
C8000-20 HAMAMATSU-C8000-20 Datasheet
121Kb / 2P
   BT(Back-thinned)-CCD Video Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com