Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7030-0907 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S7030-0907
Description  Back-thinned FFT-CCD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7030-0907 Datasheet(HTML) 7 Page - Hamamatsu Corporation

Back Button S7030-0907 Datasheet HTML 3Page - Hamamatsu Corporation S7030-0907 Datasheet HTML 4Page - Hamamatsu Corporation S7030-0907 Datasheet HTML 5Page - Hamamatsu Corporation S7030-0907 Datasheet HTML 6Page - Hamamatsu Corporation S7030-0907 Datasheet HTML 7Page - Hamamatsu Corporation S7030-0907 Datasheet HTML 8Page - Hamamatsu Corporation S7030-0907 Datasheet HTML 9Page - Hamamatsu Corporation S7030-0907 Datasheet HTML 10Page - Hamamatsu Corporation S7030-0907 Datasheet HTML 11Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CCD area image sensors
S7030/S7031 series
7
Area scanning: large full well mode
Integration period
(Shutter must be open.)
P1V
RG
OS
P2V, TG
P1H
P2H, SG
Readout period (Shutter must be closed.)
Enlarged view
Tpwv
Tovr
Tpwr
D1
D2
D3
D4
D18
D19
D20
D5..D10, S1..S1024, D11..D17
P2V, TG
P1H
P2H, SG
RG
OS
Tpwh, Tpws
12
3
S1..S512
: S703
*-0906/-0907
: S703
*-1006/-1007
4.. 63
4..127
64
← 58 + 6 (bevel): S703*-0906/-1006
128
←122 + 6 (bevel): S703*-0907/-1007
Parameter
Symbol
Min.
Typ.
Max.
Unit
P1V, P2V, TG*18
Pulse width
S703*-0906
Tpwv
1.5
2
-
s
S703*-0907/-1006
3
4-
S703*-1007
6
8-
Rise and fall time
Tprv, Tpfv
10
-
-
ns
P1H, P2H*18
Pulse width
Tpwh
500
2000
-
ns
Rise and fall time
Tprh, Tpfh
10
-
-
ns
Duty ratio
-
-
50
-
%
SG
Pulse width
Tpws
500
2000
-
ns
Rise and fall time
Tprs, Tpfs
10
-
-
ns
Duty ratio
-
-
50
-
%
RG
Pulse width
Tpwr
100
-
-
ns
Rise and fall time
Tprr, Tpfr
5
-
-
ns
TG – P1H
Overlap time
Tovr
3
-
-
s
*
18: The clock pulses should be overlapped at 50% of clock pulse amplitude.
KMPDC0127EC


Similar Part No. - S7030-0907

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results

Similar Description - S7030-0907

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
C8000-20 HAMAMATSU-C8000-20 Datasheet
121Kb / 2P
   BT(Back-thinned)-CCD Video Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
S10200-02 HAMAMATSU-S10200-02 Datasheet
232Kb / 11P
   Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com