Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3165405TL-50 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYB3165405TL-50
Description  16M x 4-Bit Dynamic RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165405TL-50 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYB3165405TL-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165405TL-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165405TL-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165405TL-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165405TL-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165405TL-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3165405TL-50 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3165405TL-50 Datasheet HTML 14Page - Siemens Semiconductor Group HYB3165405TL-50 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Semiconductor Group
99
HYB3164(5)405J/T(L)-50/-60
16M x 4-DRAM
CAS precharge to RAS Delay
tRHCP
27
35
ns
OE pulse width
tOEP
7–10
ns
OE hold time from CAS high
tOEHC
7–10
ns
WE pulse width to output disable at CAS
high
tWPZ
7–10
ns
Output buffer turn-off delay from WE
tWPZ
0
10
0
10
ns
Hyper Page Mode (EDO) Read-
modify-Write Cycle
Hyper page mode (EDO) read-write
cycle time
tPRWC
51
66
ns
CAS precharge to WE
tCPWD
41
49
ns
CAS before RAS refresh cycle
CAS setup time
tCSR
5–5–
ns
CAS hold time
tCHR
8–10
ns
RAS to CAS precharge time
tRPC
5–5–
ns
Write to RAS precharge time
tWRP
8–10
ns
Write hold time referenced to RAS
tWRH
8–10
ns
CAS-before-RAS counter test cycle
CAS precharge time (CAS-before-RAS
counter test cycle)
tCPT
35
40
ns
Self Refresh Cycle
RAS pulse width during self refresh
tRASS
100k
_
100k
_
ns
17
RAS precharge time during self refresh
tRPS
84
_
104
_
ns
17
CAS hold time during self refresh
tCHS
-50
_
-50
_
ns
17
AC Characteristics (cont’d) 5)6)
T
A = 0 to 70 ˚C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max.
min.
max.


Similar Part No. - HYB3165405TL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165405AJ-40 SIEMENS-HYB3165405AJ-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3165405AJ-50 SIEMENS-HYB3165405AJ-50 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3165405AJ-60 SIEMENS-HYB3165405AJ-60 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3165405AT-40 SIEMENS-HYB3165405AT-40 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3165405AT-50 SIEMENS-HYB3165405AT-50 Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3165405TL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164400J SIEMENS-HYB3164400J Datasheet
448Kb / 28P
   16M x 4-Bit Dynamic RAM
HYB3164405AJ SIEMENS-HYB3164405AJ Datasheet
327Kb / 29P
   16M x 4-Bit Dynamic RAM
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Panasonic Semiconductor
MN4SV17160BT-80 PANASONIC-MN4SV17160BT-80 Datasheet
2Mb / 54P
   16M BIT SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com