Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7031-0906S Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S7031-0906S
Description  Back-thinned FFT-CCD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7031-0906S Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S7031-0906S Datasheet HTML 1Page - Hamamatsu Corporation S7031-0906S Datasheet HTML 2Page - Hamamatsu Corporation S7031-0906S Datasheet HTML 3Page - Hamamatsu Corporation S7031-0906S Datasheet HTML 4Page - Hamamatsu Corporation S7031-0906S Datasheet HTML 5Page - Hamamatsu Corporation S7031-0906S Datasheet HTML 6Page - Hamamatsu Corporation S7031-0906S Datasheet HTML 7Page - Hamamatsu Corporation S7031-0906S Datasheet HTML 8Page - Hamamatsu Corporation S7031-0906S Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CCD area image sensors
S7030/S7031 series
3
Electrical characteristics (Ta=25 °C)
Electrical and optical characteristics (Ta=25 °C, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Signal output frequency
fc
-
0.25
1
MHz
Vertical shift register
capacitance
S703*-0906
CP1V, CP2V
-
750
-
pF
S703*-0907/-1006
-
1500
-
S703*-1007
-
3000
-
Horizontal shift register
capacitance
S703*-0906/-0907
CP1H, CP2H
-
110
-pF
S703*-1006/-1007
180
Summing gate capacitance
CSG
-30-
pF
Reset gate capacitance
CRG
-30-
pF
Transfer gate capacitance
S703*-0906/-0907
CTG
-
55
-pF
S703*-1006/-1007
75
Charge transfer ef ciency*3
CTE
0.99995
0.99999
-
-
DC output level*4
Vout
14
16
18
V
Output impedance*4
Zo
-
3
4
k
Power consumption*4 *5
P
-
13
14
mW
*3: Charge transfer ef ciency per pixel, measured at half of the full well capacity
*4: The values depend on the load resistance. (Typical, VOD=20 V, Load resistance=22 k )
*5: Power consumption of the on-chip ampli er plus load resistance
Parameter
Symbol
Min.
Typ.
Max.
Unit
Saturation output voltage
Vsat
-
Fw × Sv
-
V
Full well capacity
Vertical
Fw
240
320
-
ke-
Horizontal*6
800
1000
-
CCD node sensitivity
Sv
1.8
2.2
-
V/e-
Dark current*7
(MPP mode)
25 °C
DS
-
100
1000
e-/pixel/s
0 °C
-
10
100
Readout noise*8
Nr
-
8
16
e- rms
Dynamic range*9
Line binning
DR
100000
125000
-
-
Area scanning
30000
40000
-
-
Photo response non-uniformity*10
PRNU
-
±3
±10
%
Spectral response range
-
200 to 1100
-
nm
Blemish
Point defect*11
White spots
-
--
0
-
Black spots
-
-
10
-
Cluster defect*12
--
3
-
Column defect*13
--
0
-
*
6: The linearity is ±1.5%.
*
7: Dark current nearly doubles for every 5 to 7 °C increase in temperature.
*
8: Measured with a HAMAMATSU C4880 digital CCD camera with a CDS circuit (sensor temperature: -40 °C, operating frequency:
150 kHz)
*
9: Dynamic range = Full well capacity / Readout noise
*
10: Measured at one-half of the saturation output (full well capacity) using LED light (peak emission wavelength: 560 nm)
*
11: White spots
Pixels whose dark current is higher than 1 ke- after one-second integration at 0 °C.
Black spots
Pixels whose sensitivity is lower than one-half of the average pixel output. (measured with uniform light producing one-half of the
saturation charge)
*
12: 2 to 9 contiguous defective pixels
*
13: 10 or more contiguous defective pixels
Fixed pattern noise (peak to peak)
Signal
× 100 [%]
Photo response non-uniformity =


Similar Part No. - S7031-0906S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S7033-0907 HAMAMATSU-S7033-0907 Datasheet
225Kb / 8P
   CCD area image sensor
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
S7033-1007 HAMAMATSU-S7033-1007 Datasheet
225Kb / 8P
   CCD area image sensor
More results

Similar Description - S7031-0906S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
C8000-20 HAMAMATSU-C8000-20 Datasheet
121Kb / 2P
   BT(Back-thinned)-CCD Video Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
S10200-02 HAMAMATSU-S10200-02 Datasheet
232Kb / 11P
   Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com