Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7031-0907S Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part # S7031-0907S
Description  Back-thinned FFT-CCD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7031-0907S Datasheet(HTML) 10 Page - Hamamatsu Corporation

Back Button S7031-0907S Datasheet HTML 4Page - Hamamatsu Corporation S7031-0907S Datasheet HTML 5Page - Hamamatsu Corporation S7031-0907S Datasheet HTML 6Page - Hamamatsu Corporation S7031-0907S Datasheet HTML 7Page - Hamamatsu Corporation S7031-0907S Datasheet HTML 8Page - Hamamatsu Corporation S7031-0907S Datasheet HTML 9Page - Hamamatsu Corporation S7031-0907S Datasheet HTML 10Page - Hamamatsu Corporation S7031-0907S Datasheet HTML 11Page - Hamamatsu Corporation S7031-0907S Datasheet HTML 12Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CCD area image sensors
S7030/S7031 series
10
Speci cations of built-in TE-cooler (Typ. vacuum condition)
Pin connections
Parameter
Symbol
Condition
S7031-0906S/-0907S
S7031-1006S/-1007S
Unit
Internal resistance
Rint
Ta=25 °C
2.5
1.2
Maximum current*20
Imax Tc*21=Th*22=25 °C
1.5
3.0
A
Maximum voltage
Vmax Tc*21=Th*22=25 °C
3.8
3.6
V
Maximum heat absorption*23
Qmax
3.4
5.1
W
Maximum temperature
of heat radiating side
-70
70
°C
*
20: If the current greater than this value ows into the thermoelectric cooler, the heat absorption begins to decrease due to the Joule
heat. It should be noted that this value is not the damage threshold value. To protect the thermoelectric cooler and maintain stable
operation, the supply current should be less than 60% of this maximum current.
*
21: Temperature of the cooling side of thermoelectric cooler
*
22: Temperature of the heat radiating side of thermoelectric cooler
*
23: This is a theoretical heat absorption level that offsets the temperature difference in the thermoelectric cooler when the maximum
current is supplied to the unit.
Pin
No.
S7030 series
S7031 series
Remark
(standard operation)
Symbol
Function
Symbol
Function
1
RD
Reset drain
RD
Reset drain
+12 V
2
OS
Output transistor source
OS
Output transistor source
RL=22 k
3
OD
Output transistor drain
OD
Output transistor drain
+20 V
4
OG
Output gate
OG
Output gate
+3 V
5
SG
Summing gate
SG
Summing gate
Same pulse as P2H
6-
-
7-
-
8
P2H
CCD horizontal register clock-2
P2H
CCD horizontal register clock-2
9
P1H
CCD horizontal register clock-1
P1H
CCD horizontal register clock-1
10
IG2H
Test point (horizontal input gate-2)
IG2H
Test point (horizontal input gate-2)
-8 V
11
IG1H
Test point (horizontal input gate-1)
IG1H
Test point (horizontal input gate-1)
-8 V
12
ISH
Test point (horizontal input source)
ISH
Test point (horizontal input source)
Connect to RD
13
TG*19
Transfer gate
TG*19
Transfer gate
Same pulse as P2V
14
P2V
CCD vertical register clock-2
P2V
CCD vertical register clock-2
15
P1V
CCD vertical register clock-1
P1V
CCD vertical register clock-1
16
-
Th1
Thermistor
17
-
Th2
Thermistor
18
-
P-
TE-cooler-
19
-
P+
TE-cooler+
20
SS
Substrate (GND)
SS
Substrate (GND)
GND
21
ISV
Test point (vertical input source)
ISV
Test point (vertical input source)
Connect to RD
22
IG2V
Test point (vertical input gate-2)
IG2V
Test point (vertical input gate-2)
-8 V
23
IG1V
Test point (vertical input gate-1)
IG1V
Test point (vertical input gate-1)
-8 V
24
RG
Reset gate
RG
Reset gate
*
19: Isolation gate between vertical register and horizontal register. In standard operation, TG should be applied the same pulse as P2V.


Similar Part No. - S7031-0907S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S7033-0907 HAMAMATSU-S7033-0907 Datasheet
225Kb / 8P
   CCD area image sensor
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
S7033-1007 HAMAMATSU-S7033-1007 Datasheet
225Kb / 8P
   CCD area image sensor
More results

Similar Description - S7031-0907S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
C8000-20 HAMAMATSU-C8000-20 Datasheet
121Kb / 2P
   BT(Back-thinned)-CCD Video Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
S10200-02 HAMAMATSU-S10200-02 Datasheet
232Kb / 11P
   Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com