Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9674 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S9674
Description  Suitable for lead-free solder refl ow, operating/storage temperature: -40 to 125 째C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9674 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S9674_11 Datasheet HTML 1Page - Hamamatsu Corporation S9674_11 Datasheet HTML 2Page - Hamamatsu Corporation S9674_11 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Cat. No. KSPD1070E03 Jun. 2011 DN
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information described in this material is current as of June, 2011. Product specifications are subject to change without prior notice due to improvements or
other reasons. Before assembly into final products, please contact us for the delivery specification sheet to check the latest information.
Type numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(X)" which means preliminary specifications or
a suffix "(Z)" which means developmental specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Si photodiode
S9674
Dimensional outline (unit: mm)
5.7
4.6
(4.1)
(0.55)
0.85
1.4 ± 0.2
Photosensitive area
(2 × 2)
Cathode index
Photosensitive
surface
Photosensitive
surface
(2 ×) R0.3
Recommended
land pattern
Tolerance unless otherwise
noted: ±0.15, ±2°
(6.5)
(3.2)
3.3
1.05
1.05
KSPDA0179EC


Similar Part No. - S9674_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674_15 Datasheet
227Kb / 5P
   Si photodiode
More results

Similar Description - S9674_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674 Datasheet
63Kb / 2P
   Si photodiode Suitable for lead-free solder reflow, operating/storage temperature: -40 to 125 째C
logo
Littelfuse
0441005.WR LITTELFUSE-0441005.WR_11 Datasheet
564Kb / 4P
   Operating Temperature from -55쨘C to 150쨘C Suitable for both leaded and lead-free reflow
logo
TXC Corporation.
AU-SERIES TXC-AU-SERIES Datasheet
996Kb / 1P
   Designed for automatic mounting and refl ow soldering.
logo
Projects Unlimited, Inc...
AI-4033-TWT-R PUI-AI-4033-TWT-R Datasheet
191Kb / 1P
   REVISED OPERATING & STORAGE TEMPERATURE
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Murata Manufacturing Co...
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01_V01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM022C71A103ME01 MURATA1-GRM022C71A103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM022C80J103ME01 MURATA1-GRM022C80J103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM43DR7LV224KW01 MURATA1-GRM43DR7LV224KW01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM55DR7LV474KW01 MURATA1-GRM55DR7LV474KW01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com