Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9682 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S9682
Description  Si photodiode Highly reliable photodiode for VUV detection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9682 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S9682_11 Datasheet HTML 1Page - Hamamatsu Corporation S9682_11 Datasheet HTML 2Page - Hamamatsu Corporation S9682_11 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Si photodiode
S9682, S9683
2
s Variation in sensitivity due to VUV exposure
KSPDA0165EC
s Dimensional outlines (unit: mm)
S9682
S9683
KSPDA0166EA
CONVENTIONAL TYPE
S9682, S9683
NUMBER OF SHOT
[Typ. ArF excimer laser, 0.1 mJ/cm
2/pulse, f=100 Hz,
λ=193 nm, pulse width=15 ns (FWHM)]
5 × 10
6
1 × 10
6
0
1 × 10
7
40
20
60
80
100
120
KSPDB0254EA
Y
13.9 ± 0.2
12.35 ± 0.1
9.1 ± 0.1
X
0.085
ACTIVE AREA
5.8 × 5.8
PHOTOSENSITIVE
SURFACE
QUARTZ WINDOW
0.45
LEAD
7.5 ± 0.2
Center of active area relative
to center of cap
-0.485
≤X≤+0.315
-0.4
≤Y≤+0.4
ANODE TERMINAL MARK
1.4
COMMON TO CASE
42.0 ± 0.3
34.0 ± 0.2
WINDOW
16.0 ± 0.2
(2 ×)
4
QUARTZ WINDOW (t=1.0)
PHOTOSENSITIVE
SURFACE
( 24.5)
COMMON TO CASE
ACTIVE AREA
10 × 10


Similar Part No. - S9682_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9682 HAMAMATSU-S9682 Datasheet
102Kb / 2P
   Highly reliable photodiode for VUV detection
More results

Similar Description - S9682_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10043 HAMAMATSU-S10043 Datasheet
46Kb / 2P
   Highly reliable photodiode for VUV detection
S9682 HAMAMATSU-S9682 Datasheet
102Kb / 2P
   Highly reliable photodiode for VUV detection
S9723 HAMAMATSU-S9723 Datasheet
99Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for direct detection
S9195 HAMAMATSU-S9195 Datasheet
89Kb / 2P
   Si PIN photodiode for violet-laser detection
S5377 HAMAMATSU-S5377 Datasheet
207Kb / 2P
   Large area Si PIN photodiode for direct detection
S2684-254 HAMAMATSU-S2684-254 Datasheet
55Kb / 2P
   Si photodiode Photodiode with interference filter for monochromatic light (254 nm) detection
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
   Si photodiode
S8265 HAMAMATSU-S8265_15 Datasheet
91Kb / 3P
   Si photodiode
S3204 HAMAMATSU-S3204 Datasheet
130Kb / 2P
   Si PIN photodiode Large area sensors for scintillation detection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com