Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9970 Datasheet(PDF) 11 Page - Hamamatsu Corporation

Part # S9970
Description  CCD area image sensor Low dark signallow readout noise/front-illuminated FFT-CCD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9970 Datasheet(HTML) 11 Page - Hamamatsu Corporation

Back Button S9970_09 Datasheet HTML 3Page - Hamamatsu Corporation S9970_09 Datasheet HTML 4Page - Hamamatsu Corporation S9970_09 Datasheet HTML 5Page - Hamamatsu Corporation S9970_09 Datasheet HTML 6Page - Hamamatsu Corporation S9970_09 Datasheet HTML 7Page - Hamamatsu Corporation S9970_09 Datasheet HTML 8Page - Hamamatsu Corporation S9970_09 Datasheet HTML 9Page - Hamamatsu Corporation S9970_09 Datasheet HTML 10Page - Hamamatsu Corporation S9970_09 Datasheet HTML 11Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CCD area image sensor
S9970/S9971 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein.
Type numbers of products listed inthe specification sheets or supplied as samples may have a suffix "(X)" which means tentative specifications or a suffix "(Z)"
which means developmental specifications. ©2009 Hamamatsu Photonics K.K.
Cat. No. KMPD1089E07
Nov. 2009 DN
11
Multichannel detector head controller
Type no.
Interface
Photo
Accessories
S7557
SCSI
·SCSI terminator
·Fuse (2.5 A)
·Detector head connection cable
·AC cable
·Software (compatible OS: Windows 98/ME*21)
·Operation manual
S7557-01
USB2.0
·USB cable
·Fuse (2.5 A)
·Detector head connection cable
·AC cable
·Software (compatible OS: Windows 2000/XP/Vista)
·Operation manual
·MOS adapter
Note: SCSI cable and SCSI board (card) are not supplied with the C7557
*21: This software may be run on Windows 2000/NT/XP with a simple task. For information on how to do this, please consult
with our sales office.
s Connection example
AC cable (100 to 240 V; included with the C7557-01)
PC (Windows 2000/XP/Vista)
C7557-01
USB cable
(Included with
the C7557-01)
Image sensor
+
Multichannel
detector head
(USB 2.0)
Shutter*
timing pulse
Dedicated cable
(Included with the C7557-01)
* Shutter, etc. are not available.
TE CONTROL I/O
SIGNAL I/O
POWER
Trig.
KACCC0402EA


Similar Part No. - S9970_09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9970-0906 HAMAMATSU-S9970-0906_15 Datasheet
446Kb / 11P
   CCD area image sensor
More results

Similar Description - S9970_09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
   CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com