Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9970-0906 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # S9970-0906
Description  CCD area image sensor Low dark signallow readout noise/front-illuminated FFT-CCD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9970-0906 Datasheet(HTML) 8 Page - Hamamatsu Corporation

Back Button S9970-0906 Datasheet HTML 3Page - Hamamatsu Corporation S9970-0906 Datasheet HTML 4Page - Hamamatsu Corporation S9970-0906 Datasheet HTML 5Page - Hamamatsu Corporation S9970-0906 Datasheet HTML 6Page - Hamamatsu Corporation S9970-0906 Datasheet HTML 7Page - Hamamatsu Corporation S9970-0906 Datasheet HTML 8Page - Hamamatsu Corporation S9970-0906 Datasheet HTML 9Page - Hamamatsu Corporation S9970-0906 Datasheet HTML 10Page - Hamamatsu Corporation S9970-0906 Datasheet HTML 11Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CCD area image sensor
S9970/S9971 series
s Pin connections
S9970 series
S9971 series
Pin No.
Symbol
Description
Symbol
Description
Remark
(standard operation)
1
RG
Reset gate
RG
Reset gate
2
RD
Reset drain
RD
Reset drain
+12 V
3
OS
Output transistor source
OS
Output transistor source
RL=22 k
4
OD
Output transistor drain
OD
Output transistor drain
+20 V
5
OG
Output gate
OG
Output gate
+3 V
6
SG
Summing gate
SG
Summing gate
Same timing as P2H
7
-
Th1
Thermistor
8
-
Th2
Thermistor
9
P2H
CCD horizontal register clock-2
P2H
CCD horizontal register clock-2
10
P1H
CCD horizontal register clock-1
P1H
CCD horizontal register clock-1
11
IG2H
Test point (horizontal input gate-2)
IG2H
Test point (horizontal input gate-2)
0 V
12
IG1H
Test point (horizontal input gate-1)
IG1H
Test point (horizontal input gate-1)
0 V
13
ISH
Test point (horizontal input source)
ISH
Test point (horizontal input source)
Shorted to RD
14
P2V
CCD vertical register clock-2
P2V
CCD vertical register clock-2
15
P1V
CCD vertical register clock-1
P1V
CCD vertical register clock-1
16
TG*16
Transfer gate
TG*16
Transfer gate
Same timing as P2V
17
-
-
18
-
P-
TE-cooler-
19
-
P+
TE-cooler+
20
SS
Substrate (GND)
SS
Substrate (GND)
GND
21
-
-
22
ISV
Test point (vertical input source)
ISV
Test point (vertical input source)
Shorted to RD
23
IG2V
Test point (vertical input gate-2)
IG2V
Test point (vertical input gate-2)
0 V
24
IG1V
Test point (vertical input gate-1)
IG1V
Test point (vertical input gate-1)
0 V
*16: TG is an isolation gate between vertical register and horizontal register. In standard operation, the same pulse as P2V should
be applied to TG.
s Specifications of built-in TE-cooler (Typ.)
Parameter
Symbol
Condition
S9971-0906
S9971-1006/-1007
S9971-1008
Unit
Internal resistance
Rint
Ta=25 °C
2.8
6.0
1.2
Maximum current*17
Imax
Tc*18=Th*19=25 °C
1.5
1.5
3.0
A
Maximum voltage
Vmax Tc*18=Th*19=25 °C
4.4
8.8
3.6
V
Maximum heat
absorption*20
Qmax
3.4
6.7
5.1
W
Maximum temperature
of hot side
-
70
°C
*17: If the current is greater than Imax, the heat absorption begins to decrease due to the Joule heat. It should be noted that
this value is not a damage threshold. To protect the thermoelectric cooler and maintain stable operation, the supply
current should be less than 60 % of this maximum current.
*18: Temperature of cool side of thermoelectric cooler
*19: Temperature of hot side of thermoelectric cooler
*20: This is a heat absorption when the maximum current is supplied to the TE-cooler.
8


Similar Part No. - S9970-0906

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9970-0906 HAMAMATSU-S9970-0906_15 Datasheet
446Kb / 11P
   CCD area image sensor
More results

Similar Description - S9970-0906

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
   CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com