Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6226BBXJ25R2 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM6226BBXJ25R2
Description  128K x 8 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6226BBXJ25R2 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM6226BBXJ25R2 Datasheet HTML 1Page - Motorola, Inc MCM6226BBXJ25R2 Datasheet HTML 2Page - Motorola, Inc MCM6226BBXJ25R2 Datasheet HTML 3Page - Motorola, Inc MCM6226BBXJ25R2 Datasheet HTML 4Page - Motorola, Inc MCM6226BBXJ25R2 Datasheet HTML 5Page - Motorola, Inc MCM6226BBXJ25R2 Datasheet HTML 6Page - Motorola, Inc MCM6226BBXJ25R2 Datasheet HTML 7Page - Motorola, Inc MCM6226BBXJ25R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MCM6226BB
5
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1, 2, 3, and 4)
6226BB–15
6226BB–17
6226BB–20
6226BB–25
6226BB–35
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
15
17
20
25
35
ns
5
Address Setup Time
tAVWL
0
0
0
0
0
ns
Address Valid to End of Write
tAVWH
12
14
15
17
20
ns
Write Pulse Width
tWLWH,
tWLEH
12
14
15
17
20
ns
Data Valid to End of Write
tDVWH
7
8
9
10
11
ns
Data Hold TIme
tWHDX
0
0
0
0
0
ns
Write Low to Data High–Z
tWLQZ
6
7
7
8
8
ns
6, 7, 8
Write High to Output Active
tWHQX
5
5
5
5
5
ns
6, 7, 8
Write Recovery Time
tWHAX
0
0
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus con-
tention conditions during read and write cycles.
3. E1 and E2 are represented by E in this data sheet. E2 is of opposite polarity to E1.
4. If G goes low coincident with or after W goes low, the output will remain in a high–impedance state.
5. All timings are referenced from the last valid address to the first transitioning address.
6. Transition is measured
± 500 mV from steady–state voltage with load of Figure 1b.
7. This parameter is sampled and not 100% tested.
8. At any given voltage and temperature, tWLQZ max is less than tWHQX min both for a given device and from device to device.
WRITE CYCLE 1 (W Controlled See Notes 1, 2, 3, and 4)
tAVWH
tWLQZ
tWHAX
tDVWH
A (ADDRESS)
E (CHIP ENABLE)
W (WRITE ENABLE)
D (DATA IN)
Q (DATA OUT)
DATA VALID
HIGH–Z
HIGH–Z
tAVAV
tAVWL
tWLEH
tWHDX
tWLWH
tWHQX


Similar Part No. - MCM6226BBXJ25R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20 MOTOROLA-MCM6227AWJ20 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20R2 MOTOROLA-MCM6227AWJ20R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25 MOTOROLA-MCM6227AWJ25 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25R2 MOTOROLA-MCM6227AWJ25R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
More results

Similar Description - MCM6226BBXJ25R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com