Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6229BBXJ15R2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM6229BBXJ15R2
Description  256K x 4 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6229BBXJ15R2 Datasheet(HTML) 7 Page - Motorola, Inc

  MCM6229BBXJ15R2 Datasheet HTML 1Page - Motorola, Inc MCM6229BBXJ15R2 Datasheet HTML 2Page - Motorola, Inc MCM6229BBXJ15R2 Datasheet HTML 3Page - Motorola, Inc MCM6229BBXJ15R2 Datasheet HTML 4Page - Motorola, Inc MCM6229BBXJ15R2 Datasheet HTML 5Page - Motorola, Inc MCM6229BBXJ15R2 Datasheet HTML 6Page - Motorola, Inc MCM6229BBXJ15R2 Datasheet HTML 7Page - Motorola, Inc MCM6229BBXJ15R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MCM6229BB
7
MOTOROLA FAST SRAM
28 LEAD
400 MIL SOJ
CASE 810–03
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.720
0.730
18.29
18.54
B
0.395
0.405
10.04
10.28
C
0.128
0.148
3.26
3.75
D
0.015
0.020
0.39
0.50
E
0.088
0.098
2.24
2.48
F
0.026
0.032
0.67
0.81
G
0.050 BSC
1.27 BSC
H
–––
0.020
–––
0.50
K
0.035
0.045
0.89
1.14
L
0.025 BSC
0.64 BSC
M
0
5
0
5
N
0.030
0.045
0.76
1.14
P
0.435
0.445
11.05
11.30
R
0.360
0.380
9.15
9.65
S
0.030
0.040
0.77
1.01
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION R TO BE DETERMINED AT DATUM
–T–.
–A–
1
14
28
15
H BRK
L
G
M
K
DETAIL Z
N
DETAIL Z
F
D
M
E
P
RS
SEATING
PLANE
–T–
0.10 (0.004)
S
A
M
0.18 (0.007)
T
S
B
S
0.18 (0.007)
T
S
B
S
0.25 (0.010)
T
28 PL
RADIUS
C
–B–
__
__


Similar Part No. - MCM6229BBXJ15R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-20 MOTOROLA-MCM6229A-20 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-25 MOTOROLA-MCM6229A-25 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-35 MOTOROLA-MCM6229A-35 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-45 MOTOROLA-MCM6229A-45 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
More results

Similar Description - MCM6229BBXJ15R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com