Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9972-1007 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S9972-1007
Description  CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9972-1007 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button S9972-1007 Datasheet HTML 2Page - Hamamatsu Corporation S9972-1007 Datasheet HTML 3Page - Hamamatsu Corporation S9972-1007 Datasheet HTML 4Page - Hamamatsu Corporation S9972-1007 Datasheet HTML 5Page - Hamamatsu Corporation S9972-1007 Datasheet HTML 6Page - Hamamatsu Corporation S9972-1007 Datasheet HTML 7Page - Hamamatsu Corporation S9972-1007 Datasheet HTML 8Page - Hamamatsu Corporation S9972-1007 Datasheet HTML 9Page - Hamamatsu Corporation S9972-1007 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CCD area image sensor
S9972/S9973 series
9
s Precaution for use (Electrostatic countermeasures)
q Handle these sensors with bare hands or wearing cotton gloves. In addition, wear anti-static clothing or use a wrist strap, in
order to prevent electrostatic damage due to electrical charges from friction.
q Avoid directly placing these sensors on a work-desk or work-bench that may carry an electrostatic charge.
q Provide ground lines or ground connection with the work-floor, work-desk and work-bench to allow static electricity to
discharge.
q Ground the tools used to handle these sensors, such as tweezers and soldering irons.
It is not always necessary to provide all the electrostatic measures stated above. Implement these measures according to the
amount of damage that occurs.
s Element cooling/heating temperature gradient rate
When using an external cooler, the element cooling/heating temperature gradient rate should be set at less than 5 K/min.
s Specifications of built-in temperature sensor
A chip thermistor is built in the same package with a CCD chip, and the CCD chip temperature can be monitored with it. A
relation between the thermistor resistance and absolute temperature is expressed by the following equation.
RT1 = RT2 × exp BT1/T2 (1/T1 - 1/T2)
RT1: Resistance at absolute temperature T1 [K]
RT2: Resistance at absolute temperature T2 [K]
BT1/T2: B constant [K]
The characteristics of the thermistor used are as follows.
R298=10 k
B298/323=3450 K
KMPDB0111EB
10 k
220
240
260
Temperature (K)
280
300
100 k
1 M
Features
l C7020-02: for S9972 series
C7021-02: for S9973-1007
C7025-02: for S9973-1008
l Area scanning or full line-binnng operation
l Readout frequency: 250 kHz
l Readout noise: 20 e-rms
l ∆T=50 ˚C (∆T changes by radiation method.)
TECTO R HE D (C7020, C7021, C7025)
Input
Sym bol
Value
Supply
voltage
VD1
VA1+
VA1-
VA2
VD2
Vp
VF
+5 Vdc, 200 m A
+15 Vdc, +100 m A
-15 Vdc, -100 m A
+24 Vdc, 30 m A
+5 Vdc, 30 m A (C7021-02, C7025-02)
+5 Vdc, 2.5 A (C7021-02, C7025-02)
+12 Vdc, 100 m A (C7021-02, C7025-02)
Master start
φms
HCMOS logic com patible
Master clock
φmc
HCMOS logic com patible, 1 MHz
Multichannel detector head (C7020-02, C7021-02, C7025-02)


Similar Part No. - S9972-1007

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9972-1007 HAMAMATSU-S9972-1007 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
More results

Similar Description - S9972-1007

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S7847 HAMAMATSU-S7847 Datasheet
186Kb / 8P
   CCD area image sensor High IR sensitivity, four-stage TE-cooled, front-illuminated FFT-CCDs
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com