Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9970-1008 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S9970-1008
Description  CCD area image sensor Low dark signallow readout noise/front-illuminated FFT-CCD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9970-1008 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S9970-1008 Datasheet HTML 1Page - Hamamatsu Corporation S9970-1008 Datasheet HTML 2Page - Hamamatsu Corporation S9970-1008 Datasheet HTML 3Page - Hamamatsu Corporation S9970-1008 Datasheet HTML 4Page - Hamamatsu Corporation S9970-1008 Datasheet HTML 5Page - Hamamatsu Corporation S9970-1008 Datasheet HTML 6Page - Hamamatsu Corporation S9970-1008 Datasheet HTML 7Page - Hamamatsu Corporation S9970-1008 Datasheet HTML 8Page - Hamamatsu Corporation S9970-1008 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CCD area image sensor
S9970/S9971 series
Integration period
(shutter has to be open)
P1V
RG
OS
P2V, TG
P1H
P2H, SG
Readout period (shutter has to be closed)
Enlarged view
Tpwv
Tovr
Tpwr
D1
D2
D3
D4
D18
D19
D20
P2V, TG
P1H
P2H, SG
RG
OS
Tpwh, Tpws
12
3
4.. 63
4..127
4..255
S1..S512
D5..D10, S1..S1024, D11..D17
: S997*/1-0906
: S997*/1-1006/-1007/-1008
64
← 60 + 4 (isolation): S997*/1-0906/-1006
128
←124 + 4 (isolation): S997*/1-1007
256
←252 + 4 (isolation): S997*/1-1008
KMPDC0229EB
Parameter
Symbol
Min.
Typ.
Max.
Unit
S9970/S9971-0906
1.5
4.5
-
S9970/S9971-1006
3.0
9.0
-
S9970/S9971-1007
6.0
18
-
Pulse width*15
S9970/S9971-1008
Tpwv
12
36
-
µs
P1V, P2V, TG
Rise and fall times
Tprv, Tpfv
200
-
-
ns
Pulse width
Tpwh
500
5000
-
ns
Rise and fall times*15
Tprh, Tpfh
10
-
-
ns
P1H, P2H
Duty ratio
-
-
50
-
%
Pulse width
Tpws
500
5000
-
ns
Rise and fall times
Tprs, Tpfs
10
-
-
ns
SG
Duty ratio
-
-
50
-
%
Pulse width
Tpwr
100
500
-
ns
RG
Rise and fall times
Tprr, Tpfr
5
-
-
ns
TG - P1H
Overlap time
Tovr
3
6
-
µs
*15: Symmetrical clock pulses should be overlapped at 50% of maximum amplitude.
Area scanning (large full well mode)
5
Integration period
(shutter has to be open)
Vertical binning period
(shutter has to be closed)
3.. 62
3..126
3..254
63
127
255
64
128
256
P1V
P2V, TG
P1H
P2H, SG
Readout period (shutter has to be closed)
60 + 4 (isolation): S997*/1-0906/-1006
124 + 4 (isolation): S997*/1-1007
252 + 4 (isolation): S997*/1-1008
Tpwv
Tovr
Tpwh, Tpws
Tpwr
12
3
531
1043
532
1044
: S997*/1-0906
: S997*/1-1006/-1007/-1008
4..530
4..1042
12
D19
D2
D1
D20
RG
OS
S1..S512
D3..D10, S1..S1024, D11..D18
: S997*/1-0906
: S997*/1-1006/-1007/-1008
KMPDC0227EB
s Timing chart
Line binning


Similar Part No. - S9970-1008

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970-1008 HAMAMATSU-S9970-1008 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
More results

Similar Description - S9970-1008

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
   CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com