Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10747-0909 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # S10747-0909
Description  Enhanced near-infrared sensitivity by using fully-depleted CCD technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10747-0909 Datasheet(HTML) 6 Page - Hamamatsu Corporation

  S10747-0909 Datasheet HTML 1Page - Hamamatsu Corporation S10747-0909 Datasheet HTML 2Page - Hamamatsu Corporation S10747-0909 Datasheet HTML 3Page - Hamamatsu Corporation S10747-0909 Datasheet HTML 4Page - Hamamatsu Corporation S10747-0909 Datasheet HTML 5Page - Hamamatsu Corporation S10747-0909 Datasheet HTML 6Page - Hamamatsu Corporation S10747-0909 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CCD area image sensor
S10747-0909
Photosensitive surface
Index mark
1st pin
(24 ×) 0.5
34 ± 0.34
24 23
14 13
1 2
11 12
Active area
12.288
Dimensional outline (unit: mm)
Pin connections
Pin no.
Symbol
Function
Remark
(standard operation)
1
RD
Reset drain
-12 V
2
OS
Output transistor source
RL=22 k
Ω
3
OD
Output transistor drain
-20 V
4
OG
Output gate
-5 V
5
SG
Summing gate
6-
7-
8
P2H
CCD horizontal register clock-2
9
P1H
CCD horizontal register clock-1
10
IG2H
Test point (horizontal input gate-2)
0 V
11
IG1H
Test point (horizontal input gate-1)
0 V
12
ISH
Test point (horizontal input source)
Connect to RD
13
TG
Transfer gate
14
P2V
CCD vertical register clock-2
15
P1V
CCD vertical register clock-1
16
-
17
-
18
-
19
SS
Substrate voltage (applied bias voltage)
+20 V
20
-
21
ISV
Test point (vertical input source)
Connect to RD
22
IG2V
Test point (vertical input gate-2)
0 V
23
IG1V
Test point (vertical input gate-1)
0 V
24
RG
Reset gate
6
KMPDA0256EA


Similar Part No. - S10747-0909

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
More results

Similar Description - S10747-0909

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11519 HAMAMATSU-S11519_15 Datasheet
571Kb / 4P
   Enhanced near IR sensitivity, using a MEMS technology
S11499 HAMAMATSU-S11499 Datasheet
429Kb / 3P
   Large area, enhanced near IR sensitivity, using a MEMS technology
S12028_KPIN1083E01 HAMAMATSU-S12028_KPIN1083E01 Datasheet
575Kb / 3P
   Enhanced near IR sensitivity, using a MEMS
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
S11510 HAMAMATSU-S11510_10 Datasheet
465Kb / 8P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm)
logo
List of Unclassifed Man...
ICX658AKA ETC2-ICX658AKA Datasheet
138Kb / 2P
   New Generation EXview HAD CCD Ultrahigh-Sensitivity Near Infrared Structure
logo
Hamamatsu Corporation
S9251 HAMAMATSU-S9251_15 Datasheet
492Kb / 4P
   High sensitivity in near infrared range
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
   CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
C7500-50 HAMAMATSU-C7500-50 Datasheet
109Kb / 2P
   Near Infrared 1/2-inch CCD Video Camera
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com