Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9971-1006 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9971-1006
Description  CCD area image sensor Low dark signallow readout noise/front-illuminated FFT-CCD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9971-1006 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9971-1006 Datasheet HTML 1Page - Hamamatsu Corporation S9971-1006 Datasheet HTML 2Page - Hamamatsu Corporation S9971-1006 Datasheet HTML 3Page - Hamamatsu Corporation S9971-1006 Datasheet HTML 4Page - Hamamatsu Corporation S9971-1006 Datasheet HTML 5Page - Hamamatsu Corporation S9971-1006 Datasheet HTML 6Page - Hamamatsu Corporation S9971-1006 Datasheet HTML 7Page - Hamamatsu Corporation S9971-1006 Datasheet HTML 8Page - Hamamatsu Corporation S9971-1006 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S9970/S9971 series
The S9970/S9971 series are families of FFT-CCD image sensors specifically designed for low-light-level detection in scientific applications. The
S9970/S9971 series offer lower dark current and lower readout noise than the S7010/S7011 series that have been marketed. By using the
binning operation, the S9970/S9971 series can be used as a linear image sensor having a long aperture in the direction of the device length. This
makes the S9970/S9971 series ideally suited for use in spectrophotometry. The binning operation offers significant improvement in S/N and
signal processing speed compared with conventional methods by which signals are digitally added by an external circuit. The S9970/S9971 series
also feature low noise and low dark signal (MPP mode operation). This enables low-light-level detection and long integration time, thus achieving
a wide dynamic range.
The S9970/S9971 series have an effective pixel size of 24 × 24 µm and are available in image areas ranging from 12.288 (H) × 1.44 (V) mm2
(512 × 60 pixels) up to a large image area of 24.576 (H) × 6.048 (V) mm2 (1024 × 252 pixels). S9970/S9971 series are pin compatible with
S7010/S7011 series. (Operating conditions are a little bit changed from S7010/S7011 series.)
Features
l Low dark signal: 10 e-/pixel/s Typ. (0 ˚C, MPP mode)
l Low readout noise: 4 e-rms Typ.
l 512 (H) × 60 (V) to 1024 (H) × 252 (V) pixel format
l Pixel size: 24 × 24 µm
l Line/pixel binning
l 100 % fill factor
l Wide dynamic range
l MPP operation
Applications
l Fluorescence spectrometer, ICP
l Raman spectrometer
l Industrial inspection requiring
l Semiconductor inspection
l DNA sequencer
l Low-light-level detection
IMAGE
SENSOR
CCD area image sensor
Low dark signal · low readout noise/front-illuminated FFT-CCD
s Selection guide
Type no.
Cooling
Number of
total pixels
Number of
active pixels
Active area
[mm (H) × mm (V)]
Applicable
multichannel
detector head
S9970-0906
532 × 64
512 × 60
12.288 × 1.440
S9970-1006
1044 × 64
1024 × 60
24.576 × 1.440
S9970-1007
1044 × 128
1024 × 124
24.576 × 2.976
S9970-1008
Non-cooled
1044 × 256
1024 × 252
24.576 × 6.048
C7020
S9971-0906
532 × 64
512 × 60
12.288 × 1.440
S9971-1006
1044 × 64
1024 × 60
24.576 × 1.440
S9971-1007
1044 × 128
1024 × 124
24.576 × 2.976
C7021
S9971-1008
One-stage
TE-cooled
1044 × 256
1024 × 252
24.576 × 6.048
C7025
s General ratings
Parameter
S9970 series
S9971 series
Pixel size
24 (H) × 24 (V) µm
Vertical clock phase
2-phase
Horizontal clock phase
2-phase
Output circuit
One-stage MOSFET source follower
Package
24 pin ceramic DIP (refer to dimensional outlines)
W indow*1
Quartz glass
S9971-0906/-1006/-1007: sapphire
S9971-1008: AR-coated sapphire
*1: Temporary window type (ex. S9970-0906N) and UV coat type (ex. S9970-0906UV) are available upon request.
(On the temporary window type, a window is temporarily attached by tape to protect the CCD chip and wires.)
1


Similar Part No. - S9971-1006

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9971-1006 HAMAMATSU-S9971-1006 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
More results

Similar Description - S9971-1006

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
   CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com