Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9971-1008 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S9971-1008
Description  CCD area image sensor Low dark signallow readout noise/front-illuminated FFT-CCD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9971-1008 Datasheet(HTML) 7 Page - Hamamatsu Corporation

Back Button S9971-1008 Datasheet HTML 3Page - Hamamatsu Corporation S9971-1008 Datasheet HTML 4Page - Hamamatsu Corporation S9971-1008 Datasheet HTML 5Page - Hamamatsu Corporation S9971-1008 Datasheet HTML 6Page - Hamamatsu Corporation S9971-1008 Datasheet HTML 7Page - Hamamatsu Corporation S9971-1008 Datasheet HTML 8Page - Hamamatsu Corporation S9971-1008 Datasheet HTML 9Page - Hamamatsu Corporation S9971-1008 Datasheet HTML 10Page - Hamamatsu Corporation S9971-1008 Datasheet HTML 11Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CCD area image sensor
S9970/S9971 series
A
40.64 ± 0.41
112
24
13
3.2 ± 0.4
5.0 ± 0.3
0.46 ± 0.05
2.54 ± 0.13
27.94 ± 0.13
58.84 ± 0.13
1st pin index mark
Photosensitive surface
TE-cooler
Type No.
Active area
A
24.576 (H)
24.576 (H)
B
1.440 (V)
2.976 (V)
C
7.5
7.1
S9971-1006
S9971-1007
Active area 12.288
32.0 ± 0.3
0.46 ± 0.05
2.54 ± 0.13
27.94 ± 0.13
3.2 ± 0.4
50.0 ± 0.3
5.0 ± 0.3
Photosensitive surface
TE-cooler
112
24
13
1st pin index mark
Photosensitive surface
(24×)
0.5 ± 0.05
1st pin indication pad
* Size of window that guarantees the transmittance in the "Spectral
transmittance characteristics of window material" graph
44.0 ± 0.44
52.0
60.0 ± 0.3
2.54 ± 0.13
1
24
12
13
Window 28.6*
Active area 24.576
KMPDA0198EB
TE-cooler
7
KMPDA0196EB
KMPDA0197EB
KMPDA0198EB
S9971-1006/-1007
S9971-1008
S9971-0906


Similar Part No. - S9971-1008

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9971-1008 HAMAMATSU-S9971-1008 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
More results

Similar Description - S9971-1008

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
   CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com