Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20N10-250D Datasheet(PDF) 2 Page - Analog Power

Part # AM20N10-250D
Description  N-Channel 100-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM20N10-250D Datasheet(HTML) 2 Page - Analog Power

  AM20N10-250D Datasheet HTML 1Page - Analog Power AM20N10-250D Datasheet HTML 2Page - Analog Power AM20N10-250D Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM20N10-250D
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM20N10-250_C
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 20 V
±100
nA
VDS = 80 V, VGS = 0 V
1
VDS = 80 V, VGS = 0 V, TJ = 55
oC
25
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 10 V
34
A
VGS = 10 V, ID = 4.5 A
280
VGS = 4.5 V, ID = 4 A
355
Forward Tranconductance
A
gfs
VDS = 15 V, ID = 4.5 A
5
S
Diode Forward Voltage
VSD
IS = 9 A, VGS = 0 V
1
V
Total Gate Charge
Qg
10
Gate-Source Charge
Qgs
2
Gate-Drain Charge
Qgd
7.8
Turn-On Delay Time
td(on)
4.8
Rise Time
tr
4
Turn-Off Delay Time
td(off)
12.8
Fall-Time
tf
4
VDS = 50 V, VGS = 5.5 V,
ID = 4.5 A
nC
Dynamic
b
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
VDD = 50 V, RL = 11.1 Ω ,
ID = 4.5 A,
VGEN = 10 V
nS
Drain-Source On-Resistance
A
rDS(on)
mΩ
Parameter
Limits
Unit


Similar Part No. - AM20N10-250D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AM20N10-250D VBSEMI-AM20N10-250D Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
AM20N10-250D-T1-PF VBSEMI-AM20N10-250D-T1-PF Datasheet
1,013Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Analog Power
AM20N10-250DE ANALOGPOWER-AM20N10-250DE Datasheet
87Kb / 3P
   N-Channel 100-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM20N10-250DE VBSEMI-AM20N10-250DE Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
AM20N10-250DE-T1-PF VBSEMI-AM20N10-250DE-T1-PF Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - AM20N10-250D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com