Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20N10-250D Datasheet(PDF) 1 Page - Analog Power

Part # AM20N10-250D
Description  N-Channel 100-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM20N10-250D Datasheet(HTML) 1 Page - Analog Power

  AM20N10-250D Datasheet HTML 1Page - Analog Power AM20N10-250D Datasheet HTML 2Page - Analog Power AM20N10-250D Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM20N10-250D
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM20N10-250_C
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
280 @VGS=10V
11
355 @VGS=4.5V
10
PRODUCTSUMMARY
100
N-Channel 100-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
DPAK saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Limit
Units
VDS
100
VGS
±20
Continuous DrainCurrent
a
TC=25
oC ID
11
IDM
36
IS
30
A
Power Dissipation
a
TC=25
oC PD
50
W
TJ, Tstg -55to175
oC
OperatingJunctionandStorage Temperature Range
Continuous Source Current (Diode Conduction)
a
ABSOLUTEMAXIMUMRATINGS(TA = 25
oCUNLESSOTHERWISENOTED)
Parameter
PulsedDrainCurrent
b
V
Gate-Source Voltage
Drain-Source Voltage
A
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
RθJA
50
oC/W
Maximum Junction-to-Case
RθJC
3.0
oC/W
THERMAL RESISTANCE RATINGS


Similar Part No. - AM20N10-250D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AM20N10-250D VBSEMI-AM20N10-250D Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
AM20N10-250D-T1-PF VBSEMI-AM20N10-250D-T1-PF Datasheet
1,013Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Analog Power
AM20N10-250DE ANALOGPOWER-AM20N10-250DE Datasheet
87Kb / 3P
   N-Channel 100-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM20N10-250DE VBSEMI-AM20N10-250DE Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
AM20N10-250DE-T1-PF VBSEMI-AM20N10-250DE-T1-PF Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - AM20N10-250D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com