Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP220N04T2 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXTP220N04T2
Description  DC to DC Synchronous Converter Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP220N04T2 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXTP220N04T2 Datasheet HTML 3Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 4Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 5Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 6Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 7Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 8Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 9Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 10Page - IXYS Corporation IXTP220N04T2 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
8
ISL6594D Specification:
Recommended devices for this application:
1. IXTA90N055T2
VDS = 55V, Id25=90A
Qg(on) = 42nC, Qgs = 14nC, Qgd = 8.5nC,
td(on) = 19nS, tr = 21nS, td(off) = 39nS, tf = 19nS.
Rds(on) = 8.4m
Ω
Vgs(th) = 2-4V, gfs = 43
Ciss = 2670pF, Coss = 420pF, Crss = 100pF
Or,
1. IXTA110N055T2
Vds = 55V, Id25=110A
Qg(on) = 57nC, Qgs = 16nC, Qgd = 11nC,
td(on) = 18nS, tr = 25nS, td(off) = 40nS, tf = 23nS.
Rds(on) = 6.6m
Ω , Vgs(th) = 2-4V, g
fs = 49
Ciss = 3060pF, Coss = 497pF, Crss = 105pF
Analysis based on Above IXTA90N055T2:
nC
nC
nC
Q
SW
G
5
.
15
2
14
5
.
8
)
(
=
+
=
The “point of voltage” is defined by,
fs
O
TH
SP
g
I
V
V
+
=
V
35
.
3
43
15
3
=
+
=
The driver current is,
Gate
UP
PULL
DRIVER
SP
DD
H
L
DRIVER
R
R
V
V
I
+
=
)
(
)
(
A
33
.
1
5
65
.
6
2
3
35
.
3
10
=
=
+
=


Similar Part No. - IXTP220N04T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP220N04T2 ISC-IXTP220N04T2 Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP220N04T2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
logo
Shindengen Electric Mfg...
MD1421N SHINDENGEN-MD1421N Datasheet
285Kb / 4P
   Synchronous Rectification DC to DC Converter Power IC
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
   Synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com