Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTA200N055T2 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXTA200N055T2
Description  DC to DC Synchronous Converter Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA200N055T2 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXTA200N055T2 Datasheet HTML 3Page - IXYS Corporation IXTA200N055T2 Datasheet HTML 4Page - IXYS Corporation IXTA200N055T2 Datasheet HTML 5Page - IXYS Corporation IXTA200N055T2 Datasheet HTML 6Page - IXYS Corporation IXTA200N055T2 Datasheet HTML 7Page - IXYS Corporation IXTA200N055T2 Datasheet HTML 8Page - IXYS Corporation IXTA200N055T2 Datasheet HTML 9Page - IXYS Corporation IXTA200N055T2 Datasheet HTML 10Page - IXYS Corporation IXTA200N055T2 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
7
Design Example 1:
Assume design parameters as VIN=12V, VO=3.3V and Io=12A.
Table 1: Design Consideration 1 for synchronous buck converter
Input Voltage, Vin
12V
Output Voltage, Vo
3.3V
Output Current, Io
12A
Assume the output ripple voltage is within
± 1% of Vo. For Vo =3.3V, the output ripple
is limited within,
V
t
V
L
033
.
0
)
(
Δ
. When the output capacitor (C1) is 10uF, the inductor
L1 values for the range of switching frequencies from 100 kHz to 500 kHz are given in
Table: 2 based on equations 3-7.
Table 2: When C1= 10uF
Vin
(V)
Vo
(V)
D
ΔV
L
(V)
fs
(kHz)
C1
(uF)
ΔΙ
L1
(A)
L1
(uH)
fc
(kHz)
12
3.3
0.275
0.033
100
10
0.264
90
5.31
12
3.3
0.275
0.033
200
10
0.528
45.31
7.48
12
3.3
0.275
0.033
300
10
0.792
30.20
9.16
12
3.3
0.275
0.033
400
10
1.056
22.65
10.60
12
3.3
0.275
0.033
500
10
1.32
18.12
11.83
Synchronous Driver Controller: ISL6594D from Intersil:
Based on equation 18 and 19, From ISL6594D driver datasheet, given high-side: tr=26nS,
tf=18nS and source/sink current = 1.25/2A (max). For low-side, trr=18nS, tf=12nS and
source/sink current = 2/3.0 A (max):
Table 4: from Datasheet
High-Side
Rise time
Source Current (A)
Required Qg(on)
Source
26 ns
1.25
32.5nC
Sink
18 ns
2
36nC
Low-Side
Rise time
Source Current (A)
Required Qg(on)
Source
18nS
2
36nC
Sink
12ns
3
36nC


Similar Part No. - IXTA200N055T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTA200N055T2 ISC-IXTA200N055T2 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTA200N055T2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
logo
Shindengen Electric Mfg...
MD1421N SHINDENGEN-MD1421N Datasheet
285Kb / 4P
   Synchronous Rectification DC to DC Converter Power IC
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
   Synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com