Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5116165BJ-70 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB5116165BJ-70
Description  1M x 16-Bit Dynamic RAM 1k & 4k Refresh
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5116165BJ-70 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB5116165BJ-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5116165BJ-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5116165BJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5116165BJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5116165BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5116165BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5116165BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB5116165BJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB5116165BJ-70 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Semiconductor Group
7
HYB 5116(8)165BSJ-50/-60/-70
1M x 16-EDO DRAM
Average
VCC supply current,
during hyper page mode:
-50 ns version
-60 ns version
-70 ns version
(RAS =
V
IL, CAS, address cycling:tPC = tPC min.)
ICC4
70 (90)
55 (75)
45 (60)
mA
mA
mA
2) 3) 4)
Standby
VCC supply current
(RAS = CAS =
VCC – 0.2 V)
ICC5
–1mA
1)
Average
V
CC supply current, during CAS-
before-RAS refresh mode: -50 ns version
-60 ns version
-70 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
100(200)
90 (180)
80 (160)
mA
mA
mA
2) 4)
Average Self Refresh Current
(CBR cycle with tRAS>TRASSmin., CAS held low,
WE=Vcc-0.2V, Address and Din=Vcc - 0.2V or 0.2V)
I
CC7
_1mA
Capacitance
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11)
CI1
–5pF
Input capacitance (RAS, UCAS, LCAS, WE, OE)
C
I2
–7pF
I/O capacitance (I/O1-I/O16)
CIO
–7pF
DC Characteristics( note : values in brackets for HYB5118165BSJ)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 5 V ± 10 %; tT = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.


Similar Part No. - HYB5116165BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116160BSJ-60 SIEMENS-HYB5116160BSJ-60 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116160BSJ-70 SIEMENS-HYB5116160BSJ-70 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
More results

Similar Description - HYB5116165BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com